Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9148BBCZ Datasheet HTML 1Page - Analog Devices AD9148BBCZ Datasheet HTML 2Page - Analog Devices AD9148BBCZ Datasheet HTML 3Page - Analog Devices AD9148BBCZ Datasheet HTML 4Page - Analog Devices AD9148BBCZ Datasheet HTML 5Page - Analog Devices AD9148BBCZ Datasheet HTML 6Page - Analog Devices AD9148BBCZ Datasheet HTML 7Page - Analog Devices AD9148BBCZ Datasheet HTML 8Page - Analog Devices AD9148BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Quad 16-Bit,1 GSPS,
TxDAC+ Digital-to-Analog Converter
Preliminary Technical Data
AD9148
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-carrier W-CDMA ACLR = 80 dBc @ 150 MHz IF
Channel-to-channel isolation > 90 dB
Analog output
Adjustable 8.7 mA to 31.7 mA
RL = 25 Ω to 50 Ω
Novel 2×, 4×, and 8× interpolator eases data interface
On-chip fine complex NCO allows carrier placement
anywhere in DAC bandwidth
High performance, low noise PLL clock multiplier
Multiple chip synchronization interface
Programmable digital inverse sinc filter
Auxiliary DACs allow for offset control
Gain DACs allow for I and Q gain matching
Programmable I and Q phase compensation
Digital gain control
Flexible LVDS digital I/F supports 32- or 16-bit bus widths
196-ball CSP_BGA, 12 mm × 12 mm
APPLICATIONS
Wireless infrastructure
LTE, TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM
MIMO/transmit diversity
Digital high or low IF synthesis
GENERAL DESCRIPTION
The AD9148 is a quad, 16-bit, high dynamic range, digital-to-
analog converter (DAC) that provides a sample rate of 1000 MSPS.
These devices include features optimized for direct conversion
transmit applications, including gain, phase, and offset compen-
sation. The DAC outputs are optimized to interface seamlessly with
analog quadrature modulators such as the ADL5371/ ADL5372/
ADL5373/ADL5374/ADL5375. A serial peripheral interface (SPI)
is provided for programming of the internal device parameters.
Full-scale output current can be programmed over a range of 10 mA
to 30 mA. The devices operate from 1.8 V and 3.3 V supplies for
a total power consumption of 3 W at the maximum sample rate.
They are enclosed in 196-ball chip scale package ball grid array
with the option of an attached heat spreader.
PRODUCT HIGHLIGHTS
1.
Low noise and intermodulation distortion (IMD) enable
high quality synthesis of wideband signals from baseband
to high intermediate frequencies.
2.
A proprietary DAC output switching technique enhances
dynamic performance.
3.
The current outputs are easily configured for various
single-ended or differential circuit topologies.
4.
LVDS data input interface includes FIFO to ease input timing.
TYPICAL SIGNAL CHAIN
FPGA/ASIC/DSP
NOTES
1. AQM = ANALOG QUADRATURE MODULATOR.
DC
COMPLEX BASEBAND
COMPLEX IF
RF
fIF
LO ±
fIF
DAC1
DAC2
DIGITAL INTERPOLATION FILTERS
POST DAC
ANALOG FILTER
DAC3
DAC4
POST DAC
AQM
LO
AQM
↑2
↑2
↑2
↑2
↑2
↑2
↑2
↑2
↑2
↑2
↑2
↑2
PA
PA
LO
Figure 1.


Similar Part No. - AD9148BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
More results

Similar Description - AD9148BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com