Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 57Page - Analog Devices AD9148BBCZ Datasheet HTML 58Page - Analog Devices AD9148BBCZ Datasheet HTML 59Page - Analog Devices AD9148BBCZ Datasheet HTML 60Page - Analog Devices AD9148BBCZ Datasheet HTML 61Page - Analog Devices AD9148BBCZ Datasheet HTML 62Page - Analog Devices AD9148BBCZ Datasheet HTML 63Page - Analog Devices AD9148BBCZ Datasheet HTML 64Page - Analog Devices AD9148BBCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 61 of 73
In addition, the P or N output can act as a current source or a
current sink. When sourcing current, the output compliance
voltage is 0 V to 1.6 V. When sinking current, the output compliance
voltage is 0.8 V to 1.6 V. The auxiliary DAC current direction is
programmable via Bit 6, Register 0x33 and Bit 6, Register 0x37
(DAC SPI select is 0 to control AUX1 and AUX2, and DAC SPI
select is 1 to control AUX3 and AUX4). The choice of sinking or
sourcing should be made at circuit design time. There is no
advantage to switching between sourcing and sinking current
after the circuit is in place.
These auxiliary DACs can be used for local oscillator (LO)
cancellation when the DAC output is followed by a quadrature
modulator. More information and example application circuits
are given in the Interfacing to Modulators section.
INTERFACING TO MODULATORS
The AD9148 interfaces to the ADL537x family of with a minimal
number of components. An example of the recommended
interface circuitry is shown in Figure 79.
RBIP
50Ω
RBIN
50Ω
IBBN
IBBP
AD9148
ADL537x
RBQN
50Ω
RBQP
50Ω
RLI
100Ω
RLQ
100Ω
IOUT1_N
IOUT1_P
IOUT2_P
IOUT2_N
QBBP
QBBN
Figure 79. Typical Interface Circuitry Between the AD9148 and ADL537x
Family of Modulators
The baseband inputs of the ADL537x family require a dc bias of
500 mV. The nominal midscale output current on each output
of the DAC is 10 mA (1/2 the full-scale current). Therefore, a
single 50 Ω resistor to ground from each of the DAC outputs
results in the desired 500 mV dc common-mode bias for the
inputs to the ADL537x. The signal level can be reduced by the
addition of the load resistor in parallel with the modulator
inputs (RLI, RLQ). The peak-to-peak voltage swing of the
transmitted signal is
[
]
[]
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
2
2
Baseband Filter Implementation
Most applications require a baseband anti-imaging filter between
the DAC and modulator to filter out Nyquist images and broadband
DAC noise. The filter can be inserted between the I-to-V resistors
at the DAC output and the signal level setting resistor across the
modulator input. Doing this establishes the input and output
impedances for the filter.
Figure 81 shows a fifth-order low-pass filter. A common-mode
choke is used between the I-to-V resistors and the remainder of
the filter. This removes the common-mode signal produced by
the DAC and prevents the common-mode signal from being
converted to a differential signal, which would appear as unwanted
spurious signals in the output spectrum. The common-mode
choke or balun may not be needed if the layout between the
DAC and IQ modulator is optimized and balanced. Splitting the
second filter capacitor into two and grounding the center point
creates a common-mode low-pass filter providing additional
common-mode rejection of high frequency signals. A purely
differential filter will pass common-mode signals.
Driving the ADL5375-15 with the AD9148
The ADL5375-15 requires a 1500 mV dc bias and therefore
requires a slightly more complex interface than most other
Analog Devices, Inc., modulators. It is necessary to level shift
the DAC output from a 500 mV dc bias to the 1500 mV dc bias
that the ADL5375-15 requires. Level shifting can be achieved
with a purely passive network, as shown in Figure 80. In this
network, the dc bias of the DAC remains at 500 mV, while the
input to the ADL5375-15 is 1500 mV. Note that this passive
level shifting network introduces approximately 2 dB of loss in
the ac signal.
IBBN
IBBP
AD9148
ADL5375-15
RBIP
45.3Ω
RBIN
45.3Ω
RBQN
45.3Ω
RBQP
45.3Ω
RLIP
3480Ω
RLIN
3480Ω
RLQN
3480Ω
RLQP
3480Ω
IOUT1_N
IOUT1_P
IOUT2_P
IOUT2_N
QBBP
QBBN
RSIN
1kΩ
RSIP
1kΩ
RSQN
1kΩ
RSQP
1kΩ
5V
5V
Figure 80. Passive Level Shifting Network for Biasing ADL5375-15 from AD9148
IDAC
OR
QDAC
50Ω
50Ω
MABACT0043
(OPTIONAL)
33nH
33nH
2pF
56nH
56nH
100Ω
6pF
3pF
3pF
22pF
22pF
ADL537x
Figure 81. DAC Modulator Interface with Fifth-Order, Low Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com