Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 53Page - Analog Devices AD9148BBCZ Datasheet HTML 54Page - Analog Devices AD9148BBCZ Datasheet HTML 55Page - Analog Devices AD9148BBCZ Datasheet HTML 56Page - Analog Devices AD9148BBCZ Datasheet HTML 57Page - Analog Devices AD9148BBCZ Datasheet HTML 58Page - Analog Devices AD9148BBCZ Datasheet HTML 59Page - Analog Devices AD9148BBCZ Datasheet HTML 60Page - Analog Devices AD9148BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 57 of 73
CLK_P/CLK_N
(PIN B6 AND PIN A6)
ADC
VCO
LOOP
FILTER
REFCLK_P/REFCLK_N
(PIN B9 AND PIN A9)
0x0E[3:0]
PLL CONTROL
VOLTAGE
0x0D[1:0]
N1
0x0D[3:2]
N0
0x0D[7:6]
N2
÷N1
÷N0
0x06[7:6]
PLL LOCK
PLL LOCK LOST
PHASE
DETECTION
0x0A[7]
PLL ENABLE
DACCLK
PC_CLK
÷N2
Figure 72. PLL Clock Multiplication Circuit
CLOCK MULTIPLICATION
The on-chip PLL clock multiplier circuit can be used to generate
the DAC sample rate clock from a lower frequency reference clock.
When the PLL clock multiplier is enabled (Register 0x0A[7] = 1),
the clock multiplication circuit generates the DAC sample clock
from the lower rate REFCLK input. The functional diagram of
the clock multiplier is shown in Figure 72.
The clock multiplication circuit operates such that the VCO
outputs a frequency, fVCO, equal to the REFCLK input signal
frequency multiplied by N0 × N1.
fVCO = fREFCLK × (N0 × N1)
The DAC sample clock frequency, fDACCLK, is equal to
fDACCLK = fREFCLK × N1
The output frequency of the VCO must be chosen to keep fVCO in
the optimal operating range of 1.0 GHz to 2.1 GHz. The frequency
of the reference clock and the values of N1 and N0 must be chosen
so that the desired DACCLK frequency can be synthesized and
the VCO output frequency is in the correct range.
PLL Bias Settings
There are four bias settings for the PLL circuitry that should be
programmed to their nominal values. The PLL values shown in
Table 24 are the recommended settings for these parameters.
Configuring the VCO Tuning Band
The PLL VCO has a valid operating range from approximately
1.0 GHz to 2.1 GHz covered in 63 overlapping frequency bands.
For any desired VCO output frequency, there may be several
valid PLL band select values. The frequency bands of a typical
device are shown in Figure 73. Device-to-device variations and
operating temperature affect the actual band frequency range.
Therefore, it is required that the optimal PLL band select value
be determined for each individual device.
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
1000
2200
2000
1800
1600
1400
1200
VCO FREQUENCY (MHz)
Figure 73. PLL Lock Range Overtemperature for a Typical Device
Table 24. PLL Settings
Address
PLL SPI Control
Register
Bit
Optimal Setting
PLL Loop Bandwidth
0x0C
[7:5]
110
PLL Control 1 Register[4:0]
0x0C
[4:0]
01001
PLL Cross Control Enable
0x0D
[4]
1
PLL Ctrl (Test) Register[7:0]
0x79
[7:0]
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com