Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 18Page - Analog Devices AD9148BBCZ Datasheet HTML 19Page - Analog Devices AD9148BBCZ Datasheet HTML 20Page - Analog Devices AD9148BBCZ Datasheet HTML 21Page - Analog Devices AD9148BBCZ Datasheet HTML 22Page - Analog Devices AD9148BBCZ Datasheet HTML 23Page - Analog Devices AD9148BBCZ Datasheet HTML 24Page - Analog Devices AD9148BBCZ Datasheet HTML 25Page - Analog Devices AD9148BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 22 of 73
SPI OPTIONS
The serial port can support both MSB-first and LSB-first data
formats. This functionality is controlled by the LSB first bit
(Register 0x00, Bit 6). The default is MSB first (LSB first = 0).
When LSB first = 0 (MSB first), the instruction and data bit must
be written from MSB to LSB. Multibyte data transfers in MSB-
first format start with an instruction byte that includes the register
address of the most significant data byte. Subsequent data bytes
should follow from the high address to the low address. In MSB-
first mode, the serial port internal byte address generator decrements
for each data byte of the multibyte communication cycle.
When LSB first = 1 (LSB first), the instruction and data bit must
be written from LSB to MSB. Multibyte data transfers in LSB-
first format start with an instruction byte that includes the register
address of the least significant data byte followed by multiple data
bytes. The serial port internal byte address generator increments
for each byte of the multibyte communication cycle.
The serial port controller data address decrements from the data
address written toward 0x00 for multibyte I/O operations if the
MSB-first mode is active. The serial port controller address
increments from the data address written toward 0x1F for
multibyte I/O operations if the LSB-first mode is active.
R/W N1 N0 A4 A3
A2 A1 A0 D7 D6N D5N
D00
D10
D20
D30
D7 D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
Figure 41. Serial Register Interface Timing MSB First
A0 A1 A2 A3 A4
N0 N1 R/W D00 D10 D20
D7N
D6N
D5N
D4N
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
Figure 42. Serial Register Interface Timing LSB First
INSTRUCTION BIT 6
INSTRUCTION BIT 7
CSB
SCLK
SDIO
tDS
tDCSB
tDH
tPWH
tPWL
tSCLK
Figure 43. Timing Diagram for SPI Register Write
DATA BIT n – 1
DATA BIT n
CSB
SCLK
SDIO
SDO
tDV
Figure 44. Timing Diagram for SPI Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com