Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 34Page - Analog Devices AD9148BBCZ Datasheet HTML 35Page - Analog Devices AD9148BBCZ Datasheet HTML 36Page - Analog Devices AD9148BBCZ Datasheet HTML 37Page - Analog Devices AD9148BBCZ Datasheet HTML 38Page - Analog Devices AD9148BBCZ Datasheet HTML 39Page - Analog Devices AD9148BBCZ Datasheet HTML 40Page - Analog Devices AD9148BBCZ Datasheet HTML 41Page - Analog Devices AD9148BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 38 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
FTW (LSB)
54
7:0
FTW[7:0]
See Register 0x57.
0
FTW
55
7:0
FTW[15:8]
See Register 0x57.
0
FTW
56
7:0
FTW [23:16]
See Register 0x57.
0
FTW (MSB)
57
7:0
FTW [31:24]
FTW[31:0] is the 32-bit frequency tuning word that
determines frequency of the complex carrier generated by
the on-chip NCO. The frequency is not updated when the
FTW registers are written. The values are only updated when
Register 0x5A[2] transitions from 0 to 1.
0
Phase Offset MSB
58
7:0
NCO Phase
Offset[15:8]
See Register 0x59.
0
Phase Offset LSB
59
7:0
NCO Phase
Offset[7:0]
NCO Phase Offset[15:0] sets the phase of the complex carrier
signal when the NCO is reset. The phase offset spans between
0º and 360º. Each bit represents an offset of 0.0055º. Value is
in twos complement format.
0
DDS/Mod Control
5A
7
Bypass DDS/MOD
1 = bypass NCO.
1
5
Frame NCO reset ack 1 = indicates that the NCO has been reset due to an
extended FRAME pulse signal.
0
4
Frame NCO
reset request
0
→1 = The NCO is reset on the first extended FRAME
pulse after this bit transitions from 0 to 1.
0
3
FTW update ack
1 = indicates that the FTW has been updated with the
SPI value.
0
2
FTW update request 0
→1 = FTW is updated with the SPI value on 0 to 1
transition of this bit.
0
0
Sideband select
0 = The modulator outputs high-side image.
0
1 = The modulator outputs low-side image. The image is
spectrally inverted compared to the input data.
Die Temp Control 0
5C
1
Latch temp data
0
→ 1 = latches temp sensor data. This should be completed
before the Die Temp[15:0] is readback.
0
0
Temp Sensor
power down
1 = powers down aux ADC that converts die temperature.
1
Die Temp Control 1
5D
7:0
00001010
Set these bits to 00001010 for optimal temperature sensor
operation.
100000
Die Temp (LSBs)
5E
7:0
Die Temp[7:0]
Die Temp[15:0] indicates the approximate die temperature.
Read-
only
Die Temp (MSBs)
5F
7:0
Die Temp[15:8]
Die Temp[15:0] indicates the approximate die temperature.
Read-
only
DCI Delay
72
1:0
DCI Delay[1:0]
Programmable delay added DCI.
00
00 = no added delay.
01 = 200 ps delay.
10 = 400 ps delay.
11 = 600 ps delay.
PLL Ctrl (Test)
79
7:0
11111111
Set these bits to 11111111 for optimal PLL operation.
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com