Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 2Page - Analog Devices AD9148BBCZ Datasheet HTML 3Page - Analog Devices AD9148BBCZ Datasheet HTML 4Page - Analog Devices AD9148BBCZ Datasheet HTML 5Page - Analog Devices AD9148BBCZ Datasheet HTML 6Page - Analog Devices AD9148BBCZ Datasheet HTML 7Page - Analog Devices AD9148BBCZ Datasheet HTML 8Page - Analog Devices AD9148BBCZ Datasheet HTML 9Page - Analog Devices AD9148BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 6 of 73
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation (With or Without Coarse Modulation)
64
Cycles
2× Interpolation (With or Without Coarse Modulation)
125
Cycles
4× Interpolation (With or Without Coarse Modulation)
254
Cycles
8× Interpolation (With or Without Coarse Modulation)
508
Cycles
Inverse Sinc (1× Interpolation)
10
Cycles
Inverse Sinc (2× Interpolation)
20
Cycles
Inverse Sinc (4× Interpolation)
40
Cycles
Inverse Sinc (8× Interpolation)
80
Cycles
Fine Modulation
12
Cycles
Power–Up Time
TBD
ms
Table 4. Maximum Rate
Maximum Rate (MSPS)
Interface Mode
fINTERFACE
fDATA
fHB1
fHB2
fHB3
fDAC
Dual Port Mode
620
310
620
1000
1000
1000
Single Port Mode or Byte Mode
1200
300
600
1000
1000
1000
FIFO A
FIFO B
2×
2×
2×
CLK GENERATOR
AND DISTRIBUTOR
fINTERFACE
fDATA
fHB1
fHB2
fHB3
fDAC
DAC1
AND
DAC2
DAC3
AND
DAC4
32
32
32
DCIA
DACCLK
DATA
PORT A
DATA
PORT B
DATA
ASSEMBLER
INPUT
LATCH
DCIB
DATA
ASSEMBLER
INPUT
LATCH
WRITE PTR A
WRITE PTR B
32
32
32
INTERFACE
MODE
ONE DCI
DATAPATH
DATAPATH
2×
2×
2×
Figure 3. Defining Maximum Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com