Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 65Page - Analog Devices AD9148BBCZ Datasheet HTML 66Page - Analog Devices AD9148BBCZ Datasheet HTML 67Page - Analog Devices AD9148BBCZ Datasheet HTML 68Page - Analog Devices AD9148BBCZ Datasheet HTML 69Page - Analog Devices AD9148BBCZ Datasheet HTML 70Page - Analog Devices AD9148BBCZ Datasheet HTML 71Page - Analog Devices AD9148BBCZ Datasheet HTML 72Page - Analog Devices AD9148BBCZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 73 of 73
COMPLIANT TO JEDEC STANDARDS MO-192.
0.80
BSC
0.80 REF
0.24 REF
0.75
REF
A
B
C
D
E
F
G
9
10
11
12
13
14
8 7
5
64
2
31
BOTTOM VIEW
10.40
BSC SQ
H
J
K
L
M
N
P
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.53
0.48
0.43
BALL DIAMETER
SEATING
PLANE
12.10
12.00 SQ
11.90
A1 BALL
PAD CORNER
A1 BALL
PAD CORNER
1.50
1.32
1.17
11.20
REF SQ
8.20 SQ
1.09
0.99
0.89
0.38
0.33
0.28
Figure 93. 196-Ball Ball Grid Array, Thermally Enhanced [BGA_EP]
(BP-196-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9148BBCZ
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-196-7
AD9148BBCZRL
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-196-7
AD9148BBPZ
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_EP]
B
P-196-1
AD9148BBPZRL
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_EP]
B
P-196-1
AD9148BPCZ
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_EP]
B
P-196-1
AD9148BPCZRL
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_EP]
B
P-196-1
AD9148-EBZ
DAC Only Evaluation Board
AD9148-M5372-EBZ
AD9148 + ADL5372 Evaluation Board
AD9148-M5375-EBZ
AD9148 + ADL5375-0.5 Evaluation Board
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR08910-0-4/10(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com