Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 13Page - Analog Devices AD9148BBCZ Datasheet HTML 14Page - Analog Devices AD9148BBCZ Datasheet HTML 15Page - Analog Devices AD9148BBCZ Datasheet HTML 16Page - Analog Devices AD9148BBCZ Datasheet HTML 17Page - Analog Devices AD9148BBCZ Datasheet HTML 18Page - Analog Devices AD9148BBCZ Datasheet HTML 19Page - Analog Devices AD9148BBCZ Datasheet HTML 20Page - Analog Devices AD9148BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 17 of 73
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
1×, 200MSPS
2×, 200MSPS
4×, 200MSPS
8×, 100MSPS
Figure 24. Single-Tone NSD Performance vs. fOUT,, Digital Scale = 0 dBFS,
4× fDATA = 200 MSPS, Full-Scale Current = 20 mA
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
2×, 200MSPS
4×, 200MSPS
8×, 100MSPS
Figure 25. Single-Tone NSD Performance vs. fOUT , Digital Scale = 0 dBFS,
4× fDATA = 200 MSPS, Full-Scale Current = 20 mA, PLL On
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
0dB
–6dB
–12dB
–18dB
Figure 26. Single-Tone NSD Performance vs. fOUT over Digital Scale,
4× fDATA = 200 MSPS, Full-Scale Current = 20 mA
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
1×, 200MSPS
2×, 200MSPS
4×, 200MSPS
8×, 100MSPS
Figure 27. 8-Tone NSD Performance vs. fOUT, Digital Scale = 0 dBFS,
Full-Scale Current = 20 mA
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
2×, 200MSPS
4×, 200MSPS
8×, 100MSPS
Figure 28. Single-Tone NSD Performance vs. fOUT, Digital Scale = 0 dBFS,
Full-Scale Current = 20 mA, PLL On
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
0
50
100
150
200
250
300
350
400
fOUT (MHz)
0dB
–6dB
–12dB
–18dB
Figure 29. 8-Tone NSD Performance vs. fOUT over Digital Scale,
4× fDATA = 200 MSPS, Full-Scale Current = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com