Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 14Page - Analog Devices AD9148BBCZ Datasheet HTML 15Page - Analog Devices AD9148BBCZ Datasheet HTML 16Page - Analog Devices AD9148BBCZ Datasheet HTML 17Page - Analog Devices AD9148BBCZ Datasheet HTML 18Page - Analog Devices AD9148BBCZ Datasheet HTML 19Page - Analog Devices AD9148BBCZ Datasheet HTML 20Page - Analog Devices AD9148BBCZ Datasheet HTML 21Page - Analog Devices AD9148BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 18 of 73
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
0dB, PLL ON
0dB, PLL OFF
–3dB, PLL OFF
–6dB, PLL OFF
fOUT (MHz)
Figure 30. 1-Carrier W-CDMA ACLR vs. fOUT, Adjacent Channel,
4× Interpolation, fDATA = 184.32 MHz
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
0dB, PLL ON
0dB, PLL OFF
–3dB, PLL OFF
–6dB, PLL OFF
fOUT (MHz)
Figure 31. 1-Carrier W-CDMA ACLR vs. fOUT, Alternate Channel,
4× Interpolation, fDATA = 184.32 MHz
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
0dB, PLL ON
0dB, PLL OFF
–3dB, PLL OFF
–6dB, PLL OFF
fOUT (MHz)
Figure 32. 1-Carrier W-CDMA ACLR vs. fOUT, Second Alternate Channel,
4× Interpolation, fDATA = 184.32 MHz
CENTER 150.00MHz
VBW 300kHz
SPAN 34.68MHz
#RES BW 30kHz
RMS RESULTS
FREQ
OFFSET
REF BW
LOWER
dBc
dBm
UPPER
dBc
dBm
CARRIER POWER
5.000MHz
3.840MHz
–78.88 –92.35
–77.98 –91.45
–13.47dBm/
10.00MHz
3.840MHz
–82.12 –95.59
–82.65 –96.12
3.84000MHz
15.00MHz
3.840MHz
–82.18 –95.65
–82.28 –95.75
SWEEP 112.5ms (601 PTS)
Figure 33. 1-Carrier W-CDMA ACLR, fOUT = 150 MHz,
4× Interpolation, fDATA = 184.32 MHz, PLL Off
CENTER 150.00MHz
VBW 300kHz
SPAN 34.68MHz
#RES BW 30kHz
RMS RESULTS
FREQ
OFFSET
REF BW
LOWER
dBc
dBm
UPPER
dBc
dBm
CARRIER POWER
5.000MHz
3.840MHz
–74.50 –87.27
–73.79 –86.56
–12.77dBm/
10.00MHz
3.840MHz
–82.72 –95.49
–82.99 –95.76
3.84000MHz
15.00MHz
3.840MHz
–82.97 –95.74
–83.54 –96.31
SWEEP 112.5ms (601 PTS)
Figure 34. 1-Carrier W-CDMA ACLR, fOUT = 150 MHz,
4× Interpolation, fDATA = 184.32 MHz, PLL On
START 1.0MHz
VBW 30kHz
STOP 368.6MHz
#RES BW 30kHz
SWEEP 1.685s (601 PTS)
Figure 35. 1-Carrier W-CDMA, fOUT = 150 MHz, fDAC = 737.28 MSPS,
4× Interpolation, −3 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com