Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 65Page - Analog Devices AD9148BBCZ Datasheet HTML 66Page - Analog Devices AD9148BBCZ Datasheet HTML 67Page - Analog Devices AD9148BBCZ Datasheet HTML 68Page - Analog Devices AD9148BBCZ Datasheet HTML 69Page - Analog Devices AD9148BBCZ Datasheet HTML 70Page - Analog Devices AD9148BBCZ Datasheet HTML 71Page - Analog Devices AD9148BBCZ Datasheet HTML 72Page - Analog Devices AD9148BBCZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 71 of 73
EXAMPLE START-UP ROUTINE
To ensure reliable start-up of the AD9148, certain sequences
should be followed. An example start-up routine using the
following device configuration is used for this example:
•
fDATA = 122.88 MSPS
•
Interpolation = 4×, using HB1 = ’00’ and HB2 = ’000’
•
Input data = baseband data
•
Dual port mode with 1 DCI
•
fOUT = 140 MHz
•
fREFCLK = 122.88 MHz
•
PLL = enabled
•
Fine NCO = enabled
•
Inverse SINC Filter = disabled
•
Synchronization = enabled
DERIVED PLL SETTINGS
The following PLL settings can be derived from the device
configuration:
•
fDACCLK = fDATA × Interpolation = 491.52 MHz
•
fVCO = 4 × fDACCLK = 1966.08 MHz (1 GHz < fVCO < 2 GHz)
•
N1 = fDACCLK/fREFCLK = 4
•
N0 = fVCO/fDACCLK = 4
DERIVED NCO SETTINGS
The following NCO settings can be derived from the device
configuration:
•
fOUT = 140 MHz
•
fDACCLK = fDATA × Interpolation = 491.52 MHz
•
FTW = 140/(491.52) × 232 = 0x48, EAAAAA
START-UP SEQUENCE
The power clock and register write sequencing for reliable
device start-up follows:
•
Power up the device (no specific power supply sequence is
required)
•
Apply stable REFCLK input signal.
•
Apply stable DCI input signal.
•
Issue hardware reset (optional)
•
Configure device registers with the following write
sequence:
0x0C → 0xC9
0x0D → 0xD9
0x0A → 0xC0
0x0A → 0x80
0x10 → 0x48
0x14 → 0x40
0x17 → 0x80
0x17 → 0x00
0x19 → 0x80
0x19 → 0x00
0x1C → 0x40
0x1D → 0x00
0x1E → 0x01
0x54 → 0xAA
0x55 → 0xAA
0x56 → 0xEA
0x57 → 0x48
0x5A → 0x01
0x5A → 0x00
DEVICE VERIFICATION SEQUENCE
The following device polling can be conducted to verify the
device is working properly:
•
Read 0x06, Expect Bit 7 = 0, Bit 6 = 1, Bit 5 = 0, Bit 4 = 1,
Bit 2 = 1
•
Read 0x12, Expect Bit 6 = 1
•
Read 0x18, Expect 0x0F (0x07 is also normal)
•
Read 0x1A, Expect 0x0F (0x07 is also normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com