Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 32Page - Analog Devices AD9148BBCZ Datasheet HTML 33Page - Analog Devices AD9148BBCZ Datasheet HTML 34Page - Analog Devices AD9148BBCZ Datasheet HTML 35Page - Analog Devices AD9148BBCZ Datasheet HTML 36Page - Analog Devices AD9148BBCZ Datasheet HTML 37Page - Analog Devices AD9148BBCZ Datasheet HTML 38Page - Analog Devices AD9148BBCZ Datasheet HTML 39Page - Analog Devices AD9148BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 36 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
SED_S0_L
38
7:0
SED Compare
Pattern Sample0[7:0]
Compare Pattern Sample0[15:0] is the word that is compared
with Data Sample 0 captured at the input interface by the
rising edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S0_H
39
7:0
SED Compare
Pattern
Sample0[15:8]
Compare Pattern Sample0[15:0] is the word that is compared
with Data Sample 0 captured at the input interface by the
rising edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S1_L
3A
7:0
SED Compare
Pattern Sample1[7:0]
Compare Pattern Sample1[15:0] is the word that is compared
with Data Sample 1 captured at the input interface by the
falling edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S1_H
3B
7:0
SED Compare
Pattern
Sample1[15:8]
Compare Pattern Sample1[15:0] is the word that is compared
with Data Sample 1 captured at the input interface by the
falling edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S2_L
3C
7:0
SED Compare
Pattern Sample2[7:0]
Compare Pattern Sample2[15:0] is the word that is compared
with Data Sample 2 captured at the input interface by the
rising edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S2_H
3D
7:0
SED Compare
Pattern
Sample2[15:8]
Compare Pattern Sample2[15:0] is the word that is compared
with Data Sample 2 captured at the input interface by the
rising edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S3_L
3E
7:0
SED Compare
Pattern Sample3
[7:0]
Compare Pattern Sample3[15:0] is the word that is compared
with Data Sample 3 captured at the input interface by the
falling edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.
SED_S3_H
3F
7:0
SED Compare
Pattern
Sample3[15:8]
Compare Pattern Sample3[15:0] is the word that is compared
with Data Sample 3 captured at the input interface by the
falling edge of DCI.
Set DAC SPI select = 0 to configure Port A.
Set DAC SPI select = 1 to configure Port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com