Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 68 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 64Page - Analog Devices AD9148BBCZ Datasheet HTML 65Page - Analog Devices AD9148BBCZ Datasheet HTML 66Page - Analog Devices AD9148BBCZ Datasheet HTML 67Page - Analog Devices AD9148BBCZ Datasheet HTML 68Page - Analog Devices AD9148BBCZ Datasheet HTML 69Page - Analog Devices AD9148BBCZ Datasheet HTML 70Page - Analog Devices AD9148BBCZ Datasheet HTML 71Page - Analog Devices AD9148BBCZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 68 of 73
TEST ACCESS PORT
The AD9148 incorporates a test access port (TAP) and
boundary scan architecture. The TAP has four pins that provide
access into the device for performing the boundary scan testing:
•
TMS ,test mode select input
•
TCK , test clock input
•
TDI , test data input
•
TDO , test data output
The instruction register holds the current instruction used by the
TAP controller to decide what to do with the test signals that are
received. Most commonly, the content of the instruction register
defines to which of the data registers signals should be passed.
Table 26 shows the supported instructions, the instruction code,
and the data register selected. All instruction codes that are not
listed in Table 26 are reserved.
Table 26. Instruction Code Register Definition
TAP Instruction
Instruction Code
Data Register
Selected
EXTEST
00000
Boundary scan
IDCODE
00001
IDCODE
SAMPLE/PRELOAD
00010
Boundary scan
BYPASS
11111
Bypass
The boundary scan register is the main test register. It provides
the means for moving data from and to the device pins. The
bypass register is a single bit register that passes data from TDI
to TDO. The IDCODE register contains the ID code and
revision number for the device. This information allows the
device to be linked to its boundary scan description language
(BSDL) file. The file contains details of the boundary scan
configuration for the device.
The content of the 32-bit IDCODE register is 0x227E51CB.
The TAP controller is reset to an inactive state by the internal
power-on-reset. Figure 90 shows the basic timing diagram of
the controller signals.
tDSYS
tSSYS
tDTDO
tSTAP
tHTAP
tHSYS
tTCK
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
Figure 90. Basic Timing Diagram of the TAP Controller Signals
Table 27.
Parameter
Description
Minimum
Maximum
Unit
TIMING CHARACTERISTICS
tTCK
TCK period
20
ns
tSTAP
TDI, TMS setup before TCK high
4
ns
tHTAP
TDI, TMS hold after TCK high
4
ns
tSSYS
System inputs setup before TCK high
4
ns
tHSYS
System inputs hold after TCK high
5
ns
tTRSTW
TRST pulse width (measured in TCK cycles)
4
TCK
SWITCHING CHARACTERISTICS
tDTDO
TDO delay from TCK low
10
ns
tDSYS
System output delay after TCK low
0
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com