Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 11Page - Analog Devices AD9148BBCZ Datasheet HTML 12Page - Analog Devices AD9148BBCZ Datasheet HTML 13Page - Analog Devices AD9148BBCZ Datasheet HTML 14Page - Analog Devices AD9148BBCZ Datasheet HTML 15Page - Analog Devices AD9148BBCZ Datasheet HTML 16Page - Analog Devices AD9148BBCZ Datasheet HTML 17Page - Analog Devices AD9148BBCZ Datasheet HTML 18Page - Analog Devices AD9148BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 15 of 73
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
0
50
100
150
200
250
300
fOUT (MHz)
0dBFS, SECOND HARMONIC
–6dBFS, SECOND HARMONIC
–12dBFS, SECOND HARMONIC
–18dBFS, SECOND HARMONIC
Figure 12. Second Harmonic vs. fOUT over Digital Scale,
Full-Scale Current = 20 mA, 4× Interpolation, fDATA = 150 MSPS
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
0
50
100
150
200
250
300
fOUT (MHz)
10mA, SECOND HARMONIC
20mA, SECOND HARMONIC
30mA, SECOND HARMONIC
10mA, THIRD HARMONIC
20mA, THIRD HARMONIC
30mA, THIRD HARMONIC
Figure 13. Second Harmonic vs. fOUT over Full-Scale Current,
Digital Scale = 0 dBFS, 4× Interpolation, fDATA = 150 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
FREQUENCY (MHz)
Figure 14. 4× Interpolation, fDATA = 150 MSPS, fOUT = 131 MHz
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
0
50
100
150
200
250
300
fOUT (MHz)
0dBFS, THIRD HARMONIC
–6dBFS, THIRD HARMONIC
–12dBFS, THIRD HARMONIC
–18dBFS, THIRD HARMONIC
Figure 15. Third Harmonic vs. fOUT over Digital Scale,
Full-Scale Current = 20 mA, 4× Interpolation, fDATA = 150 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
FREQUENCY (MHz)
Figure 16. 2× Interpolation, fDATA = 310 MSPS, fOUT = 131 MHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
Figure 17. 8× Interpolation, fDATA = 125 MSPS, fOUT = 131 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com