Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 55Page - Analog Devices AD9148BBCZ Datasheet HTML 56Page - Analog Devices AD9148BBCZ Datasheet HTML 57Page - Analog Devices AD9148BBCZ Datasheet HTML 58Page - Analog Devices AD9148BBCZ Datasheet HTML 59Page - Analog Devices AD9148BBCZ Datasheet HTML 60Page - Analog Devices AD9148BBCZ Datasheet HTML 61Page - Analog Devices AD9148BBCZ Datasheet HTML 62Page - Analog Devices AD9148BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 59 of 73
ANALOG OUTPUTS
TRANSMIT DAC OPERATION
Figure 75 shows a simplified block diagram of one pair of the
transmit path DACs. The DAC core consists of a current source
array, switch core, digital control logic, and full-scale output
current control. The DAC full-scale output current (IOUTFS) is
nominally 20 mA. The output currents from the IOUTx_P and
IOUTx_N pins are complementary, meaning that the sum of
the two currents always equals the full-scale current of the DAC.
The digital input code to the DAC determines the effective
differential current delivered to the load.
The DAC has a 1.2 V band gap reference with an output impedance
of 5 kΩ. The reference output voltage appears on the VREF pin.
When using the internal reference, the VREF pin should be
decoupled to AVSS with a 0.1 μF capacitor. The internal reference
should only be used for external circuits that draw dc currents
of 2 μA or less. For dynamic loads or static loads greater than
2 μA, the VREF pin should be buffered. If desired, an external
reference (between 1.10 V to 1.30 V) can be applied to the
VREF pin.
A 10 kΩ external resistor, RSET, must be connected from the
RESET pin to AVSS. This resistor, along with the reference
control amplifier, sets up the correct internal bias currents for
the DAC. Because the full-scale current is inversely proportional to
this resistor, the tolerance of RSET is reflected in the full-scale
output amplitude.
The full-scale current can be calculated by
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
=
DAC gain
R
I
SET
OUTFS
16
3
72
V
REF
where DAC gain is set individually for the I and Q DACs in
Register 0x30, Register 0x31, Register 0x34, and Register 0x35,
respectively.
For nominal values of VREF (1.2 V), RSET (10 kΩ), and DAC
gain (512), the full-scale current of the DAC is typically 20.16 mA.
The DAC full-scale current can be adjusted from 8.66 mA to
31.66 mA by setting the DAC gain parameter setting as shown
in Figure 74.
35
0
0
1000
DAC GAIN CODE
30
25
20
15
10
5
200
400
600
800
Figure 74. DAC Full-Scale Current vs. DAC Gain Code
Transmit DAC Transfer Function
The output currents from the IOUTx_P and IOUTx_N pins are
complementary, meaning that the sum of the two currents always
equals the full-scale current of the DAC. The digital input code
to the DAC determines the effective differential current delivered
to the load. IOUTx_P provides the maximum output current
when all bits are high. The output currents vs. DACCODE for
the DAC outputs are expressed as
OUTFS
N
P
OUT
I
DACCODE
I
×
⎥⎦
⎤
⎢⎣
⎡
=
2
_
(1)
IOUT_N = IOUTFS – IOUT_P
(2)
where DACCODE = 0 to 2N − 1.
I DAC
IOUT1_P/IOUT3_P
IOUT1_N/IOUT3_N
Q DAC
IOUT2_N/IOUT4_N
IOUT2_P/IOUT4_P
CURRENT
SCALING
I DAC GAIN
Q DAC GAIN
0.1µF
10kΩ
I120
VREF
RSET
5kΩ
1.2V
Figure 75. Simplified Block Diagram of DAC Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com