Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 31Page - Analog Devices AD9148BBCZ Datasheet HTML 32Page - Analog Devices AD9148BBCZ Datasheet HTML 33Page - Analog Devices AD9148BBCZ Datasheet HTML 34Page - Analog Devices AD9148BBCZ Datasheet HTML 35Page - Analog Devices AD9148BBCZ Datasheet HTML 36Page - Analog Devices AD9148BBCZ Datasheet HTML 37Page - Analog Devices AD9148BBCZ Datasheet HTML 38Page - Analog Devices AD9148BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 35 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
QDAC FSC Adj
34
7:0
QDAC FSC Adj[7:0]
Q DAC full-scale current adjustment (LSB part). QDAC FS
Adj[9:0] sets the full-scale current of the QDAC. The full-scale
current can be adjusted from 8.64 mA to 31.6 mA in step sizes
of approximately 22.5 μA.
F9
0x000 = 8.64 mA
...
0x200 = 20.14mA
…
0x3FF = 31.66 mA
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
QDAC Control
35
7
QDAC sleep
Q DAC sleep mode (fast wake-up mode).
0
1:0
QDAC FSC Adj[9:8]
QDAC full-scale current adjustment (MSB part).
01
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
Aux QDAC Data
36
7:0
AUX QDAC
Data[7:0]
Auxiliary QDAC data (LSB part). AUX QDAC Data[9:0] sets
the magnitude of the AUX DAC current. The range is 0 mA
to 2 mA and the step size is 2 μA.
00
0x000 = 0.000 mA.
0x001 = 0x002 mA.
…
0x3FF = 2.046 mA.
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
Aux QDAC Control
37
7
AUX QDAC sign
Auxiliary QDAC output sign.
0
0 = positive, current is directed to the AUXx_P pin.
1 = negative, current is directed to the AUXx_N pin.
6
AUX QDAC
current direction
Auxiliary QDAC current direction.
0
0 = source.
1 = sink.
5
AUX QDAC
power down
Auxiliary QDAC power down.
0
1:0
AUX QDAC
Data[9:8]
Auxiliary QDAC data (MSB part).
00
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com