Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 11Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 12Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 13Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 14Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 15Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 16Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 17Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 18Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
15 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.5 General purpose 512 bytes static RAM
The PCF2127A contains a general purpose 512 bytes static RAM. This integrated SRAM
is battery backed and can therefore be used to store data which is essential for the
application to survive a power outage.
9 bits, RA[8:0], define the RAM address pointer in registers RAM_addr_MSB and
RAM_addr_LSB. The register address pointer increments after each read or write
automatically up to 1Bh and then wraps around to address 00h (see Figure 3 on page 6).
Data is transferred to or from the RAM via the interface. To write to the RAM, the register
RAM_wrt_cmd, to read from the RAM the register RAM_rd_cmd must be addressed
explicitly.
8.5.1 Register RAM_addr_MSB
8.5.2 Register RAM_addr_LSB
8.5.3 Register RAM_wrt_cmd
8.5.4 Register RAM_rd_cmd
Table 13.
RAM_addr_MSB - RAM address MSB register (address 1Ah) bit description
Bit
Symbol
Description
7 to 1
-
unused
0
RA8
RAM address, MSB (9th bit)
Table 14.
RAM_addr_LSB - RAM address LSB register (address 1Bh) bit description
Bit
Symbol
Description
7 to 0
RA[7:0]
RAM address, LSB (1st to 8th bit)
Table 15.
RAM_wrt_cmd - RAM write command register (address 1Ch) bit description
Bit
Symbol
Description
7 to 0
-
data to be written into RAM
Table 16.
RAM_rd_cmd - RAM read command register (address 1Dh) bit description
Bit
Symbol
Description
7 to 0
-
data to be read from RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com