Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 38Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 39Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 40Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 41Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 42Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 43Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 44Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 45Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
42 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
The TSF1 and TSF2 flags can be cleared by using the interface; clearing both flags
will clear the interrupt. Once TSF2 is cleared it will only be set again when TS pin is
driven to ground once again.
8.12.2 Time stamp mode
The timestamp function has two different modes selected by the control bit TSM
(timestamp mode) in register Timestp_ctl:
• If TSM is logic 0 (default): in subsequent trigger events without clearing the timestamp
flags, the last timestamp event is stored
• If TSM is logic 1: in subsequent trigger events without clearing the timestamp flags,
the first timestamp event is stored
The timestamp function also depends on the control bit BTSE in register Control_3, see
Section 8.12.4.
8.12.3 Timestamp registers
8.12.3.1
Register Timestp_ctl
[1]
Default value.
8.12.3.2
Register Sec_timestp
8.12.3.3
Register Min_timestp
Table 45.
Timestp_ctl - timestamp control register (address 12h) bit description
Bit
Symbol
Value Description
7TSM
0[1]
in subsequent events without clearing the timestamp
flags, the last event is stored
1
in subsequent events without clearing the timestamp
flags, the first event is stored
6TSOFF
0[1]
timestamp function active
1
timestamp function disabled
5
-
-
unused
4 to 0 1_O_16_TIMESTP[4:0]
1
⁄
16 second timestamp information coded in BCD format
Table 46.
Sec_timestp - second timestamp register (address 13h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 SECOND_TIMESTP 0 to 5
ten’s place
second timestamp information coded in
BCD format
3to0
0to9
unit place
Table 47.
Min_timestp - minute timestamp register (address 14h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 MINUTE_TIMESTP
0 to 5
ten’s place
minute timestamp information coded in
BCD format
3to0
0to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com