Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2127AT/1 Datasheet HTML 1Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 2Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 3Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 4Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 5Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 6Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
3 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
6.
Block diagram
Fig 1.
Block diagram of PCF2127A
001aaj675
TEST
PFO
SCL
SCL
SDO
TEMP
1.25 V
(internal)
SDI
VDD
BBS
VBAT
VSS
internal
power
supply
RST
SDI
SDO
CLKOUT
INT
OSCI
OSCO
TEMP
1 Hz
32.768 kHz
TCXO
BATTERY BACK UP
SWITCH-OVER
CIRCUITRY
OSCILLATOR
MONITOR
SERIAL BUS
INTERFACE
SELECTOR
SPI-BUS
INTERFACE
I2C-BUS
INTERFACE
512 BYTES
STATIC RAM
TEMPERATURE
SENSOR
RESET
LOGIC
CONTROL
DIVIDER
AND
TIMER
ADDRESS
REGISTER
Control_1
Control_2
Control_3
00h
01h
02h
Seconds
03h
Minutes
04h
Hours
05h
Days
06h
Weekdays
07h
Months
08h
Years
09h
Second_alarm
0Ah
Minute_alarm
0Bh
Hour_alarm
0Ch
Day_alarm
0Dh
Weekday_alarm
0Eh
CLKOUT_ctl
0Fh
Watchdg_tim_ctl
10h
Watchdg_tim_val
11h
Timestp_ctl
12h
Sec_timestp
13h
Min_timestp
14h
Hour_timestp
15h
Day_timestp
16h
Mon_timestp
17h
Year_timestp
18h
Aging_offset
19h
RAM_addr_MSB
1Ah
RAM_addr_LSB
1Bh
RAM_wrt_cmd
1Ch
RAM_rd_cmd
1Dh
SDA/CE
IFS
PFI
TS
SDA/CE
PCF2127A
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com