Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 49Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 50Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 51Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 52Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 53Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 54Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 55Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 56Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
53 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
Fig 31. STOP bit functional diagram
001aaj342
OSC
32768 Hz
F0
16384 Hz
F1
8192 Hz
F2
4096 Hz
128 Hz
F8
RES
F9
64 Hz
RES
F10
LOWER PRESCALER
UPPER PRESCALER
RES
F13
RES
stop
1 Hz tick
F14
Fig 32. STOP bit release timing
001aaj343
0 ms - 15.625 ms
64 Hz
stop released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com