Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 9Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 10Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 11Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 12Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 13Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 14Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
11 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.2.3 Register Control_3
[1]
Values see Table 17.
[2]
Default value.
Table 7.
Control_3 - control and status register 3 (address 02h) bit description
Bit
Symbol
Value
Description
Reference
7 to 5 PWRMNG[2:0] [1]
control of the battery switch-over, battery low
detection, and extra power fail detection
functions
Section 8.6
4BTSE
0
[2]
no timestamp when battery switch-over
occurs
Section 8.12.4
1
time-stamped when battery switch-over
occurs
3BF
0
[2]
no battery switch-over interrupt generated
Section 8.6.1
1
flag set when battery switch-over occurs;
flag must be cleared to clear interrupt
2BLF
0
[2]
battery status ok;
no battery low interrupt generated
Section 8.6.3
1
battery status low;
flag cannot be cleared using the interface
1BIE
0
[2]
no interrupt generated from the battery flag
(BF)
Section 8.13.7
1
interrupt generated when BF is set
0BLIE
0
[2]
no interrupt generated from battery low flag
(BLF)
Section 8.13.8
1
interrupt generated when BLF is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com