Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 20Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 22Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 23Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 24Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 25Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 26Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 27Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
24 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.6.4.2
Extra power fail detection when the battery switch-over function is disabled
If the battery switch-over function is disabled and the power fail comparator is enabled,
the power fail output at pin PFO depends only on the result of the comparison between
VPFI and 1.25 V:
• If VPFI > 1.25 V, PFO = HIGH (through the external pull-up resistor)
• If VPFI < 1.25 V, PFO = LOW
Fig 11. PFO signal behavior when battery switch-over is enabled in direct switching
mode and Vth(uvp) < VBAT
001aaj320
internal power supply (= VBBS)
comparator
enabled
comparator
disabled
comparator
enabled
Vth(sw)bat
(= 2.5 V)
Vth(uvp)
VDD
VBBS
VBBS
VBAT
PF0
trec
VDD (= 0 V)
Fig 12. PFO signal behavior when battery switch-over is disabled
001aaj321
comparator always enabled
Vth(sw)bat
(= 2.5 V)
VDD
Vth(uvp)
PF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com