Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 56Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 57Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 58Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 59Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 60Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 61Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 62Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 63Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
60 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
Fig 44. Bus protocol, writing to RAM
001aaj720
S
slave address
1
0
1
0
0
0
1
0
write bit
A
A
set RAM
address
RAM write
command
write data
to RAM
acknowledge
from PCF2127A
acknowledge
from PCF2127A
register address 1Ah
A
A
acknowledge
from PCF2127A
P/S
slave address
0 to n
data bytes
1
0
1
0
0
0
1
0
write bit
A
A
acknowledge
from PCF2127A
acknowledge
from PCF2127A
acknowledge
from PCF2127A
register address 1Ch
acknowledge
from PCF2127A
data byte 1Bh
data byte 1Ah
A
P
data byte (RAM address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com