Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 25Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 26Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 27Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 28Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 29Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 30Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 31Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 32Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
29 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.9.3 Register Hours
[1]
Hour mode is set by the bit 12_24 in register Control_1.
8.9.4 Register Days
[1]
The RTC compensates for leap years by adding a 29th day to February if the year counter contains a value
which is exactly divisible by 4, including the year 00.
8.9.5 Register Weekdays
Although the association of the weekdays counter to the actual weekday is arbitrary, the
PCF2127A will assume Sunday is 000 and Monday is 001 for the purposes of determining
the increment for calendar weeks.
[1]
These bits may be re-assigned by the user.
Table 22.
Hours - hours register (address 05h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
12 hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOURS
0 to 1
ten’s place
actual hours coded in BCD format when in
12 hour mode
3to0
0to9
unit place
24 hour mode[1]
5 to 4 HOURS
0 to 2
ten’s place
actual hours coded in BCD format when in
24 hour mode
3to0
0to9
unit place
Table 23.
Days - days register (address 06h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
5to4 DAYS[1]
0 to 3
ten’s place
actual day coded in BCD format
3to0
0to9
unit place
Table 24.
Weekdays - weekdays register (address 07h) bit description
Bit
Symbol
Value
Description
7to3 -
-
unused
2 to 0 WEEKDAYS
0 to 6
actual weekday value, see Table 25
Table 25.
Weekday assignments
Day[1]
Bit
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com