Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 32Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 33Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 34Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 35Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 36Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 37Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 38Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 39Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
36 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.11.2 Register Watchdg_tim_val
8.11.3 Watchdog timer function
The watchdog timer function is controlled by the WD_CD[1:0] bits of the register
Watchdg_tim_ctl (see Table 34).
The two bits TF[1:0] in register Watchdg_tim_ctl determine one of the four source clock
frequencies for the watchdog timer: 4.096 kHz, 64 Hz, 1 Hz, or 1
⁄
60 Hz (see Table 36).
When the watchdog timer function is enabled, the 8 bit timer in register Watchdg_tim_val
(see Table 35) determines the watchdog timer period.
The watchdog timer counts down from the software programmed 8 bit binary value n in
register Watchdg_tim_val. When the counter reaches 1 the watchdog timer flag WDTF
(register Control_2) is set logic 1.
In the case that WDTF is logic 1:
• if WD_CD[1:0] = 10 an interrupt will be generated
• if WD_CD[1:0] = 11 a reset will be generated
The counter does not automatically reload.
When WD_CD[1:0] = 10 or WD_CD[1:0] = 11 and the microcontroller unit (MCU) loads a
watchdog timer value n:
• the flag WDTF is reset
• INT or RST is cleared
• the watchdog timer starts again
Loading the counter with 0 will:
• reset the flag WDTF
• clear INT or RST
• stop the watchdog timer
Table 35.
Watchdg_tim_val - watchdog timer value register (address 11h) bit description
Bit
Symbol
Value
Description
7 to 0 WATCHDG_TIM_VAL[7:0]
00 to FF
countdown period in seconds:
where n is the countdown value
Table 36.
Programmable watchdog or countdown timer
TF[1:0]
Timer source
clock frequency
Units
Minimum timer
period (n = 1)
Units
Maximum timer
period (n = 255)
Units
00
4.096
kHz
244
μs
62.256
ms
01
64
Hz
15.625
ms
3.984
s
10
1
Hz
1
s
255
s
11
1
⁄
60
Hz
60
s
15300
s
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com