Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 4Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 5Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 6Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 9Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 10Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 11Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
8 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
14h
Min_timestp
-
MINUTE_TIMESTP (0 to 59)
- XXX XXXX
15h
Hour_timestp
-
-
AMPM
HOUR_TIMESTP (1 to 12) in 12 h mode
- - XX XXXX
HOUR_TIMESTP (0 to 23) in 24 h mode
- - XX XXXX
16h
Day_timestp
-
-
DAY_TIMESTP (1 to 31)
- - XX XXXX
17h
Mon_timestp
---MONTH_TIMESTP (1 to 12)
- - - X XXXX
18h
Year_timestp
YEAR_TIMESTP (0 to 99)
XXXX XXXX
Aging offset register
19h
Aging_offset
----AO[3:0]
- - - - 1000
RAM registers
1Ah
RAM_addr_MSB
-------RA8
- - - - - - - 0
1Bh
RAM_addr_LSB
RA[7:0]
0000 0000
1Ch
RAM_wrt_cmd
XXXXXXXX
XXXX XXXX
1Dh
RAM_rd_cmd
XXXXXXXX
XXXX XXXX
Table 4.
Register overview …continued
Bit positions labeled as - are not implemented and will return a 0 when read. Bit T must always be written with logic 0. Bits
labeled as X are undefined at power-on and unchanged by subsequent resets.
Address Register name
Bit
Reset value
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com