Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 62Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 63Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 64Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 65Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 66Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 67Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 68Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 69Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
66 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
12.1 Current consumption characteristics, typical
Typical value; VOL =0.4 V.
Fig 47. IOL on pin SDA/CE
CLKOUT disabled; PWRMNG[2:0] = 111; TSOFF = 1; TS input floating.
Fig 48. IDD as a function of temperature
001aal763
VDD (V)
1.5
4.5
3.5
2.5
14
10
18
22
IOL
(mA)
6
Temperature (
°C)
−40
100
80
60
020
−20
40
001aaj432
0.8
1.2
0.4
1.6
2.0
IDD
(
μA)
0
VDD = 3 V
VDD = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com