Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2127AT/1 Datasheet HTML 1Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 2Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 3Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 4Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 5Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 6Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
1.
General description
The PCF2127A is a CMOS1 Real Time Clock (RTC) and calendar with an integrated
Temperature Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz
crystal optimized for very high accuracy and very low power consumption. The PCF2127A
has 512 bytes of general purpose static RAM, a selectable I2C-bus or SPI-bus, a backup
battery switch-over circuit, a programmable watchdog function, a timestamp function, and
many other features.
2.
Features and benefits
Temperature Compensated Crystal Oscillator (TCXO) with integrated capacitors
Typical accuracy:
±3ppm from −15 °C to +60 °C
Integration of a 32.768 kHz quartz crystal and oscillator in the same package
Provides year, month, day, weekday, hours, minutes, and seconds
512 bytes of general purpose static RAM
Timestamp function
with interrupt capability
detection of two different events on one multilevel input pin (e.g. for tamper
detection)
Two line bidirectional 400 kHz Fast-mode I2C-bus interface (IOL = 3 mA at pin
SDA/CE)
3 line SPI-bus with separate data input and output (maximum speed 6.5 Mbit/s)
Battery backup input pin and switch-over circuitry
Battery backed output voltage pin
Battery low detection function
Extra power fail detection function with input and output pins
Power-On Reset Override (PORO)
Oscillator stop detection function
Interrupt output and system reset pin (open-drain)
Programmable 1 second or 1 minute interrupt
Programmable countdown timer with interrupt capability
Programmable watchdog timer with interrupt and reset capability
Programmable alarm function with interrupt capability
Programmable square wave open-drain output pin
Clock operating voltage: 1.2 V to 4.2 V
Low supply current: typical 0.65
μA at V
DD = 3.0 V and Tamb =25 °C
PCF2127A
Integrated RTC, TCXO and quartz crystal
Rev. 02 — 7 May 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 17.


Similar Part No. - PCF2127AT/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2127AT PHILIPS-PCF2127AT Datasheet
1Mb / 100P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 8-19 December 2014
More results

Similar Description - PCF2127AT/1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2128 PHILIPS-PCF2128 Datasheet
322Kb / 10P
Integrated RTC / TCXO / Crystal
Rev. 00.03-4 June 2007
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
logo
Maxim Integrated Produc...
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com