Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 31Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 32Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 33Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 34Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 35Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 36Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 37Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 38Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
35 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.11 Timer functions
The PCF2127A has two different timer functions, a watchdog timer and a countdown
timer. The timers can be selected by using the control bits WD_CD[1:0] in the register
Watchdg_tim_ctl.
• The watchdog timer has four selectable source clocks. It can, for example, be used to
detect a microprocessor with interrupt and reset capability which is out of control (see
Section 8.11.3)
• The countdown timer has four selectable source clocks allowing for countdown
periods from less than 1 ms to more than 4 hours (see Section 8.11.4)
To control the timer functions and timer output, the registers Control_2, Watchdg_tim_ctl,
and Watchdg_tim_val are used.
8.11.1 Register Watchdg_tim_ctl
[1]
Default value.
Table 34.
Watchdg_tim_ctl - watchdog timer control register (address 10h) bit description
Bit
Symbol
Value
Description
7 to 6 WD_CD[1:0]
00[1]
watchdog timer disabled;
countdown timer disabled
01
watchdog timer disabled;
countdown timer enabled
if CDTIE is set logic 1, the interrupt pin INT is
activated when the countdown timed out
10
watchdog timer enabled;
the interrupt pin INT is activated when timed out;
countdown timer not available
11
watchdog timer enabled;
the reset pin RST is activated when timed out;
countdown timer not available
5TI_TP
0[1]
the interrupt pin INT is configured to generate a
permanent active signal when MSF and/or CDTF is set
1
the interrupt pin INT is configured to generate a pulsed
signal when MSF flag and/or CDTF flag is set (see
Figure 25)
4to2 -
-
unused
1 to 0 TF[1:0]
timer source clock for watchdog and countdown timer
00
4.096 kHz
01
64 Hz
10
1 Hz
11[1]
1
⁄
60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com