Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 13Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 14Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 15Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 16Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 17Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 18Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 19Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 20Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
17 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.6 Power management functions
The PCF2127A has two power supply pins and one power output pin:
• VDD - the main power supply input pin
• VBAT - the battery backup input pin
• BBS - battery backed output voltage pin (equal to the internal power supply)
The PCF2127A has three power management functions implemented:
• Battery switch-over function
• Battery low detection function
• Extra power fail detection function
The power management functions are controlled by the control bits PWRMNG[2:0] in
register Control_3:
[1]
Default value.
[2]
When the battery switch-over function is disabled, the PCF2127A works only with the power supply VDD;
VBAT must be put to ground and the battery low detection function is disabled.
Table 17.
Power management control bit description
PWRMNG[2:0]
Function
000
[1]
battery switch-over function is enabled in standard mode;
battery low detection function is enabled;
extra power fail detection function is enabled
001
battery switch-over function is enabled in standard mode;
battery low detection function is disabled;
extra power fail detection function is enabled
010
battery switch-over function is enabled in standard mode;
battery low detection function is disabled;
extra power fail detection function is disabled
011
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled;
extra power fail detection function is enabled
100
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled;
extra power fail detection function is enabled
101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled;
extra power fail detection function is disabled
110
[2]
battery switch-over function is disabled - only one power supply (VDD);
battery low detection function is disabled;
extra power fail detection function is enabled
111
[2]
battery switch-over function is disabled - only one power supply (VDD);
battery low detection function is disabled;
extra power fail detection function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com