Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 52Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 53Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 54Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 55Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 56Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 57Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 58Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 59Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
56 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
Table 58.
Command byte definition
Bit
Symbol
Value
Description
7R/W
data read or write selection
0
write data
1
read data
6 to 5
SA
01
subaddress;
other codes will cause the device to ignore data
transfer
4 to 0
RA
00h to 1Dh register address
In this example, the register Seconds is set to 45 seconds and the register Minutes to 10 minutes.
Fig 36. SPI-bus write example
001aaj348
seconds data 45BCD
minutes data 10BCD
addr 03h
R/W
SA
03
xx
04
05
SCL
SDI
SDA/CE
address
counter
b7
0
b6
0
b5
1
b4
0
b3
0
b2
0
b1
1
b0
1
b7
0
b6
1
b5
0
b4
0
b3
0
b2
1
b1
0
b0
1
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
In this example, the registers Months and Years are read. The pins SDI and SDO are not connected together. For this
configuration, it is important that pin SDI is never left floating. It must always be driven either HIGH or LOW. If pin SDI is left
open, high IDD currents may result.
Fig 37. SPI-bus read example
001aaj349
months data 11BCD
years data 06BCD
addr 08h
R/W
SA
08
xx
09
0A
SCL
SDI
SDA/CE
address
counter
b7
1
b6
0
b5
1
b4
0
b3
1
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
1
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
0
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com