Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 55Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 56Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 57Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 58Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 59Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 60Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 61Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 62Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
59 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
The R/W bit defines the direction of the following single or multiple byte data transfer (read
is logic 1, write is logic 0).
For the format and the timing of the START condition (S), the STOP condition (P), and the
acknowledge bit (A) refer to the I2C-bus specification Ref. 13 “UM10204” and the
characteristics table (Table 64). In the write mode a data transfer is terminated by sending
either a STOP condition or the START condition of the next data transfer.
Table 59.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
10
10
00
1R/W
Fig 42. Bus protocol, writing to registers
001aaj719
S
1
0
1
slave address
register address
00h to 1Dh
0 to n
data bytes
write bit
START/
STOP
acknowledge
from PCF2127A
acknowledge
from PCF2127A
acknowledge
from PCF2127A
0
0
0
1
0
A
A
A
P/S
Fig 43. Bus protocol, reading from registers
001aaj721
S
1
0
1
slave address
0 to n data bytes
DATA BYTE
LAST DATA BYTE
read bit
acknowledge
from PCF2127A
acknowledge
from master
no acknowledge
0
0
0
1
1
A
A
S
1
0
1
slave address
register address
00h to 1Dh
set register
address
read register
data
write bit
STOP
acknowledge
from PCF2127A
acknowledge
from PCF2127A
0
0
0
1
0
A
A
P
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com