Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 65Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 66Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 67Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 68Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 69Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 70Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 71Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 72Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
69 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
13. Dynamic characteristics
13.1 SPI-bus timing characteristics
[1]
No load value; bus will be held up by bus capacitance; use RC time constant with application values.
Table 63.
SPI-bus characteristics
VDD = 1.8 V to 4.2V; VSS =0V; Tamb = −40 °C to +85 °C, unless otherwise specified. All timing values are valid within the
operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD.
Symbol
Parameter
Conditions
VDD =1.8 V
VDD =4.2 V
Unit
Min
Max
Min
Max
Pin SCL
fclk(SCL)
SCL clock frequency
register read/write access
-
2.0
-
6.5
MHz
RAM write access
-
2.0
-
6.5
MHz
RAM read access
-
1.11
-
6.25
MHz
tSCL
SCL time
register read/write access
800
-
140
-
ns
RAM write access
800
-
140
-
ns
RAM read access
900
-
160
-
ns
tclk(H)
clock HIGH time
register read/write access
100
-
70
-
ns
RAM write access
100
-
70
-
ns
RAM read access
450
-
80
-
ns
tclk(L)
clock LOW time
register read/write access
400
-
70
-
ns
RAM write access
400
-
70
-
ns
RAM read access
450
-
80
-
ns
tr
rise time
for SCL signal
-
100
-
30
ns
tf
fall time
for SCL signal
-
100
-
30
ns
Pin SDA/CE
tsu(CE_N)
CE_N set-up time
60
-
30
-
ns
th(CE_N)
CE_N hold time
40
-
25
-
ns
trec(CE_N)
CE_N recovery time
100
-
30
-
ns
tw(CE_N)
CE_N pulse width
-
0.99
-
0.99
s
Pin SDI
tsu
set-up time
set-up time for SDI data
70
-
20
-
ns
th
hold time
hold time for SDI data
70
-
20
-
ns
Pin SDO
td(R)SDO
SDO read delay time
CL = 50 pF
register read access
-
225
-
55
ns
RAM read access
-
410
-
55
ns
tdis(SDO)
SDO disable time
[1]
-
90
-
25
ns
tt(SDI-SDO)
transition time from SDI to
SDO
to avoid bus conflict
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com