Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 22Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 23Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 24Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 25Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 26Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 27Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 28Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
25 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.7 Oscillator stop detection function
The PCF2127A has an on-chip oscillator detection circuit which monitors the status of the
oscillation: whenever the oscillation stops, a reset occurs and the oscillator stop flag OSF
(in register Seconds) is set logic 1.
• Power-on:
a. The oscillator is not running, the chip is in reset (pin RST is LOW and flag OSF is
logic 1).
b. When the oscillator starts running and is stable after power-on, the chip exits from
reset (pin RST is HIGH).
c. The flag OSF is still logic 1 and can be cleared (OSF set logic 0) via the interface.
• Power supply failure:
a. When the power supply of the chip (VDD or VBAT) drops below a certain value
(Vlow), typically 1.2 V, the oscillator stops running and a reset occurs.
b. When the power supply returns to normal operation, the oscillator starts running
again, the chip exits from reset.
c. The flag OSF is still logic 1 and can be cleared (OSF set logic 0) via the interface.
(1) Theoretical state of the signals since there is no power.
(2) The oscillator stop flag (OSF), set logic 1, indicates that the oscillation has stopped and a reset has
occurred since the flag was last cleared (OSF set logic 0). In this case the integrity of the clock
information is not guaranteed. The OSF flag is cleared using the interface.
Fig 13. Power failure event due to battery discharge: reset occurs
001aaj409
internal power supply
(1)
Vth(sw)bat
(= 2.5 V)
VSS
VBAT
Vlow
(= 1.2 V)
VDD
VBBS
VBBS
VBBS
VBBS
VDD
VBAT
VSS
(2)
OSF
battery discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com