Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 42Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 43Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 44Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 45Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 46Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 47Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 48Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 49Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
46 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
• watchdog timer
• alarm
• timestamp
• battery switch-over
• battery low detection
The control bit TI_TP (register Watchdg_tim_ctl) is used to configure whether the
interrupts generated from the second/minute timer (flag MSF in register Control_2) and
the countdown timer (flag CDTF in register Control_2) are pulsed signals or a
permanently active signal. All the other interrupt sources generate a permanently active
interrupt signal which follows the status of the corresponding flags. When the interrupt
sources are all disabled, INT remains high-impedance.
• The flags MSF, CDTF, AF, TSFx and BF can be cleared by using the interface
• The flags WDTF is read only. How it can be cleared is explained in Section 8.11.6
• The flag BLF is read only. It is cleared automatically from the battery low detection
circuit when the battery is replaced
8.13.1 Minute and second interrupts
Minute and second interrupts are generated by predefined timers. The timers can be
enabled independently from one another by the bits MI and SI in register Control_1.
However, a minute interrupt enabled on top of a second interrupt will not be
distinguishable since it will occur at the same time.
The minute/second flag MSF (register Control_2) is set logic 1 when either the seconds or
the minutes counter increments according to the actually enabled interrupt (see Table 53).
The MSF flag can be read and cleared by the interface.
When MSF is set logic 1:
• If TI_TP is logic 1 the interrupt is generated as a pulsed signal.
• If TI_TP is logic 0 the interrupt is permanently active signal that remains until MSF is
cleared.
Table 53.
Effect of bits MI and SI on pin INT and bit MSF
MI
SI
Result on INT
Result on MSF
0
0
no interrupt generated
MSF never set
1
0
an interrupt once per minute
MSF set when minutes counter increments
0
1
an interrupt once per second
MSF set when seconds counter increments
1
1
an interrupt once per second
MSF set when seconds counter increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com