Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 34Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 35Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 36Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 37Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 38Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 39Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 40Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 41Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
38 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.11.4 Countdown timer function
The countdown timer function is controlled by the WD_CD[1:0] bits in register
Watchdg_tim_ctl (see Table 34).
The timer counts down from the software programmed 8 bit binary value n in register
Watchdg_tim_val. When the counter reaches 1
• the countdown timer flag CDTF is set
• the counter automatically reloads
• and the next time period starts
Loading the counter with 0 effectively stops the timer.
Reading the timer will return the actual value of the countdown counter.
If a new value of n is written before the end of the actual timer period, this value will take
immediate effect. It is not recommended to change n without first disabling the counter by
setting WD_CD[1:0] = 00. The update of n is asynchronous to the timer clock. Therefore
changing it on the fly could result in a corrupted value loaded into the countdown counter.
This can result in an undetermined countdown period for the first period. The countdown
value n will, however, be correctly stored and correctly loaded on subsequent timer
periods.
Table 37.
Specification of tw(rst)
WD_CD[1:0]
TF[1:0]
tw(rst)
11
00
244
μs
01
15.625 ms
10
15.625 ms
11
15.625 ms
In this example it is assumed that the countdown timer flag (CDTF) is cleared before the next
countdown period expires and that INT is set to pulsed mode.
Fig 23. General countdown timer behavior
001aag071
countdown value, n
timer source clock
countdown counter
WD/CD [1:0]
CDTF
INT
02
03
00
01
XX
03
XX
01
03
02
01
03
02
n
duration of first timer period after
enable may range from n
−1 to n+1
n
01
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com