Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 45Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 46Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 47Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 48Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 49Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 50Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 51Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 52Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
49 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.13.4 Watchdog timer interrupts
The generation of interrupts from the watchdog timer is controlled using the WD_CD[1:0]
bits (register Watchdg_tim_ctl). The interrupt is generated as an active signal which
follows the status of the watchdog timer flag WDTF (register Control_2). No pulse
generation is possible for watchdog timer interrupts.
The interrupt is cleared when the flag WDTF is reset. WDTF is a read only bit and cannot
be cleared by using the interface. Instructions for clearing it can be found in
Section 8.11.6.
8.13.5 Alarm interrupts
Generation of interrupts from the alarm function is controlled via the bit AIE (register
Control_2). If AIE is enabled, the INT pin will follow the status of bit AF (register
Control_2). Clearing AF will immediately clear INT. No pulse generation is possible for
alarm interrupts.
(1) Indicates normal duration of INT pulse.
The timing shown for clearing CDTF is also valid for the non-pulsed interrupt mode, i.e. when
TI_TP is logic 0, where the INT pulse may be shortened by setting CDTIE logic 0.
Fig 29. Example of shortening the INT pulse by clearing the CDTF flag
001aaf909
01
countdown counter
CDTF
INT
SCL
instruction
n
CLEAR INSTRUCTION
8th clock
(1)
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 30. AF timing diagram
001aaf910
44
45
minute counter
minute alarm
AF
INT
SCL
instruction
45
CLEAR INSTRUCTION
8th clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com