Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 18Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 19Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 20Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 22Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 23Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 24Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 25Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
22 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.6.4 Extra power fail detection function
The PCF2127A has an extra power fail detection circuit which compares the voltage at the
power fail input pin PFI to an internal reference voltage equal to 1.25 V.
If VPFI < 1.25 V the power fail output PFO is driven LOW. PFO is an open-drain, active
LOW output which requires an external pull-up resistor in any application.
The extra power fail detection function is typically used as a low voltage detection for the
main power supply VDD (see Figure 9).
Usually R1 and R2 should be chosen such that the voltage at pin PFI
• is higher than 1.25 V at start-up
• falls below 1.25 V when VDD falls below a desired threshold voltage, Vth(uvp), defined
by Equation 1:
Fig 8.
Battery low detection behavior with bit BLIE set logic 1 (enabled)
001aaj322
internal power supply (= VBBS)
VBAT
BLF
Vth(bat)low
(= 2.5 V)
VBAT
VDD = VBBS
INT
Fig 9.
Typical application of the extra power fail detection function
001aaj678
PFO
PFI
15
14
RPU
VDD
VSS
R1
R2
PCF2127A
1.25 V
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com