Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 60Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 61Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 62Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 63Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 64Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 65Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 66Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 67Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
64 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
12. Static characteristics
Table 61.
Static characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
[1] 1.8
-
4.2
V
VBAT
battery supply voltage
1.8
-
4.2
V
VDD(cal)
calibration supply voltage
-
3.3
-
V
Vlow
low voltage
-
1.2
-
V
IDD
supply current
interface active
SPI-bus
fSCL = 6.5 MHz
-
-
800
μA
I2C-bus
fSCL = 400 kHz
-
-
200
μA
interface inactive (fSCL =0Hz)
CLKOUT disabled (COF[2:0]) = 111), one power supply VDD
(PWRMNG[2:0] = 111), timestamp detection disabled (TSOFF = 1)[2]
VDD = 2.0 V
-
500
-
nA
VDD = 3.3 V
-
700
1500
nA
VDD = 4.2 V
-
800
-
nA
CLKOUT enabled at 32 kHz (default), one power supply VDD
(PWRMNG[2:0] = 111), timestamp detection disabled (TSOFF = 1)
VDD = 2.0 V
-
600
-
nA
VDD = 3.3 V
-
850
-
nA
VDD = 4.2 V
-
1050
-
nA
CLKOUT disabled (COF[2:0]) = 111), power management functions enabled
(default), timestamp detection enabled (default)
VDD = 2.0 V
-
1800
-
nA
VDD = 3.3 V
-
2150
-
nA
VDD = 4.2 V
-
2350
3500
nA
CLKOUT enabled at 32 kHz (default); power management functions enabled
(default), timestamp detection enabled (default)
VDD = 2.0 V
-
1900
-
nA
VDD = 3.3 V
-
2300
-
nA
VDD = 4.2 V
-
2600
-
nA
IBAT
battery supply current
VDD active;
VBAT = 3.0 V
-
50
100
nA
Power management
Vth(sw)bat
battery switch threshold
voltage
-2.5
-V
Vth(bat)low
low battery threshold voltage
-
2.5
-
V
Vth(PFI)
threshold voltage on pin PFI
-
1.25
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com