Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127AT/1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 16Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 17Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 18Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 19Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 20Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 22Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 23Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
20 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
The direct switching mode is useful in systems where VDD is higher than VBAT at all times.
The direct switching mode is not recommended if the VDD and VBAT values are similar
(e.g. VDD = 3.3 V, VBAT ≥ 3.0 V). In direct switching mode the power consumption is
reduced compared to the standard mode because the monitoring of VDD and Vth(sw)bat is
not performed.
8.6.1.3
Battery switch-over disabled: only one power supply (VDD)
When the battery switch-over function is disabled:
• The power supply is applied on the VDD pin
• The VBAT pin must be connected to ground
• The internal power supply, available at the output pin BBS, is equal to VDD
• The battery flag (BF) is always logic 0
8.6.1.4
Battery switch-over architecture
The architecture of the battery switch-over circuit is shown in Figure 6.
The internal power supply (available on pin BBS) is equal to VDD or VBAT. It has to be
assured that there are decoupling capacitors on the pins VDD, VBAT, and BBS.
8.6.2 Battery backup supply
The VBBS voltage on the output pin BBS is equal to the internal power supply, depending
on the selected battery switch-over function mode:
The output pin BBS can be used as a supply for external devices with battery backup
needs, such as SRAM (see Ref. 3 “AN10857”). For this case, Figure 7 shows the typical
driving capability when VBBS is driven from VDD.
Fig 6.
Battery switch-over circuit, simplified block diagram
001aag061
VCC
Vth(sw)bat
VDD
VBBS
(internal
power supply)
VDD
VDD(int)
VDD(int)
VDD(int)
VBAT
LOGIC
comparators
logic
switches
VCC
Vth(sw)bat
VBAT
Table 18.
Output pin BBS
Battery switch-over function mode
Conditions
VBBS equals
standard
VDD > VBAT or VDD > Vth(sw)bat
VDD
VDD < VBAT and VDD < Vth(sw)bat
VBAT
direct switching
VDD > VBAT
VDD
VDD < VBAT
VBAT
disabled
only VDD available,
VBAT must be put to ground
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com