Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 36Page - Renesas Technology Corp R8C Datasheet HTML 37Page - Renesas Technology Corp R8C Datasheet HTML 38Page - Renesas Technology Corp R8C Datasheet HTML 39Page - Renesas Technology Corp R8C Datasheet HTML 40Page - Renesas Technology Corp R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 40 of 102
Dec 21, 2010
X: Undefined
Note:
1. Blank spaces are reserved. No access is allowed.
Table 4.8
SFR Information for R8C/LA5A Group (8) (1)
Address
Register
Symbol
After Reset
01C0h
Address Match Interrupt Register 0
RMAD0
XXh
01C1h
XXh
01C2h
0000XXXXb
01C3h
Address Match Interrupt Enable Register 0
AIER0
00h
01C4h
Address Match Interrupt Register 1
RMAD1
XXh
01C5h
XXh
01C6h
0000XXXXb
01C7h
Address Match Interrupt Enable Register 1
AIER1
00h
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh
01E0h
Port P0 Pull-Up Control Register
P0PUR
00h
01E1h
01E2h
Port P2 Pull-Up Control Register
P2PUR
00h
01E3h
Port P3 Pull-Up Control Register
P3PUR
00h
01E4h
01E5h
Port P5 Pull-Up Control Register
P5PUR
00h
01E6h
01E7h
Port P7 Pull-Up Control Register
P7PUR
00h
01E8h
Port P8 Pull-Up Control Register
P8PUR
00h
01E9h
Port P9 Pull-Up Control Register
P9PUR
00h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
01F1h
Port P8 Drive Capacity Control Register
P8DRR
00h
01F2h
01F3h
01F4h
01F5h
Input Threshold Control Register 0
VLT0
00h
01F6h
Input Threshold Control Register 1
VLT1
00h
01F7h
Input Threshold Control Register 2
VLT2
00h
01F8h
Comparator B Control Register 0
INTCMP
00h
01F9h
01FAh
External Input Enable Register 0
INTEN
00h
01FBh
External Input Enable Register 1
INTEN1
00h
01FCh
INT Input Filter Select Register 0
INTF
00h
01FDh
INT Input Filter Select Register 1
INTF1
00h
01FEh
Key Input Enable Register 0
KIEN
00h
01FFh
Key Input Enable Register 1
KIEN1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com