Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 39Page - Renesas Technology Corp R8C Datasheet HTML 40Page - Renesas Technology Corp R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 43 of 102
Dec 21, 2010
X: Undefined
Notes:
1. Blank spaces are reserved. No access is allowed.
2. Selectable by the IICSEL bit in the SSUIICSR register.
Table 4.11
SFR Information for R8C/LA8A Group (2) (1)
Address
Register
Symbol
After Reset
003Ah
Voltage Monitor 2 Circuit Control Register
VW2C
10000010b
003Bh
003Ch
003Dh
003Eh
003Fh
0040h
0041h
Flash Memory Ready Interrupt Control Register
FMRDYIC
XXXXX000b
0042h
0043h
INT7 Interrupt Control Register
INT7IC
XX00X000b
0044h
INT6 Interrupt Control Register
INT6IC
XX00X000b
0045h
INT5 Interrupt Control Register
INT5IC
XX00X000b
0046h
INT4 Interrupt Control Register
INT4IC
XX00X000b
0047h
Timer RC Interrupt Control Register
TRCIC
XXXXX000b
0048h
0049h
004Ah
Timer RH Interrupt Control Register
TRHIC
XXXXX000b
004Bh
UART2 Transmit Interrupt Control Register
S2TIC
XXXXX000b
004Ch
UART2 Receive Interrupt Control Register
S2RIC
XXXXX000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXXX000b
004Fh
SSU Interrupt Control Register / IIC bus Interrupt Control Register (2)
SSUIC/IICIC
XXXXX000b
0050h
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
0054h
0055h
INT2 Interrupt Control Register
INT2IC
XX00X000b
0056h
Timer RJ0 Interrupt Control Register
TRJ0IC
XXXXX000b
0057h
Timer RB1 Interrupt Control Register
TRB1IC
XXXXX000b
0058h
Timer RB0 Interrupt Control Register
TRB0IC
XXXXX000b
0059h
INT1 Interrupt Control Register
INT1IC
XX00X000b
005Ah
INT3 Interrupt Control Register
INT3IC
XX00X000b
005Bh
Timer RJ1 Interrupt Control Register
TRJ1IC
XXXXX000b
005Ch
Timer RJ2 Interrupt Control Register
TRJ2IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
UART2 Bus Collision Detection Interrupt Control Register
U2BCNIC
XXXXX000b
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
LCD Interrupt Control Register
LCDIC
XXXXX000b
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
Voltage monitor 1 Interrupt Control Register
VCMP1IC
XXXXX000b
0073h
Voltage monitor 2 Interrupt Control Register
VCMP2IC
XXXXX000b
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com