Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp R8C Datasheet HTML 49Page - Renesas Technology Corp R8C Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 46 of 102
Dec 21, 2010
X: Undefined
Notes:
1. Blank spaces are reserved. No access is allowed.
2. This is the reset value after reset by RTCRST bit in TRHCR register.
Table 4.14
SFR Information for R8C/LA8A Group (5) (1)
Address
Register
Symbol
After Reset
0100h
0101h
0102h
0103h
0104h
0105h
0106h
0107h
0108h
Timer RB0 Control Register
TRB0CR
00h
0109h
Timer RB0 One-Shot Control Register
TRB0OCR
00h
010Ah
Timer RB0 I/O Control Register
TRB0IOC
00h
010Bh
Timer RB0 Mode Register
TRB0MR
00h
010Ch
Timer RB0 Prescaler Register
TRB0PRE
FFh
010Dh
Timer RB0 Secondary Register
TRB0SC
FFh
010Eh
Timer RB0 Primary Register
TRB0PR
FFh
010Fh
0110h
Timer RH Second Data Register / Counter Data Register
TRHSEC
XXh
00h (2)
0111h
Timer RH Minute Data Register / Compare Data Register
TRHMIN
XXh
00h (2)
0112h
Timer RH Hour Data Register
TRHHR
00XXXXXXb
00h (2)
0113h
Timer RH Day-of-the-Week Data Register
TRHWK
00000XXXb
00h (2)
0114h
Timer RH Date Data Register
TRHDY
00XXXXXXb
00000001b (2)
0115h
Timer RH Month Data Register
TRHMON
000XXXXXb
00000001b (2)
0116h
Timer RH Year Data Register
TRHYR
XXh
00h (2)
0117h
Timer RH Control Register
TRHCR
XXX00X0Xb
000XX1X0b (2)
0118h
Timer RH Count Source Select Register
TRHCSR
X0001000b
0XXXXXXXb (2)
0119h
Timer RH Clock Error Correction Register
TRHADJ
XXh
00h (2)
011Ah
Timer RH Interrupt Flag Register
TRHIFR
00000XXXb
000XX000b (2)
011Bh
Timer RH Interrupt Enable Register
TRHIER
XXh
00h (2)
011Ch
Timer RH Alarm Minute Register
TRHAMN
XXh
00h (2)
011Dh
Timer RH Alarm Hour Register
TRHAHR
XXh
00h (2)
011Eh
Timer RH Alarm Day-of-the-Week Register
TRHAWK
X0000XXXb
00h (2)
011Fh
Timer RH Protect Register
TRHPRC
00h
X0000000b (2)
0120h
Timer RC Mode Register
TRCMR
01001000b
0121h
Timer RC Control Register 1
TRCCR1
00h
0122h
Timer RC Interrupt Enable Register
TRCIER
01110000b
0123h
Timer RC Status Register
TRCSR
01110000b
0124h
Timer RC I/O Control Register 0
TRCIOR0
10001000b
0125h
Timer RC I/O Control Register 1
TRCIOR1
10001000b
0126h
Timer RC Counter
TRC
00h
0127h
00h
0128h
Timer RC General Register A
TRCGRA
FFh
0129h
FFh
012Ah
Timer RC General Register B
TRCGRB
FFh
012Bh
FFh
012Ch
Timer RC General Register C
TRCGRC
FFh
012Dh
FFh
012Eh
Timer RC General Register D
TRCGRD
FFh
012Fh
FFh
0130h
Timer RC Control Register 2
TRCCR2
00011000b
0131h
Timer RC Digital Filter Function Select Register
TRCDF
00h
0132h
Timer RC Output Master Enable Register
TRCOER
01111111b
0133h
Timer RC Trigger Control Register
TRCADCR
00h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com