Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 40Page - Renesas Technology Corp R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 44 of 102
Dec 21, 2010
X: Undefined
Note:
1. Blank spaces are reserved. No access is allowed.
Table 4.12
SFR Information for R8C/LA8A Group (3) (1)
Address
Register
Symbol
After Reset
0080h
Timer RJ0 Control Register
TRJ0CR
00h
0081h
Timer RJ0 I/O Control Register
TRJ0IOC
00h
0082h
Timer RJ0 Mode Register
TRJ0MR
00h
0083h
Timer RJ0 Event Pin Select Register
TRJ0ISR
00h
0084h
Timer RJ0 Register
TRJ0
FFh
FFh
0085h
0086h
0087h
0088h
Timer RJ1 Control Register
TRJ1CR
00h
0089h
Timer RJ1 I/O Control Register
TRJ1IOC
00h
008Ah
Timer RJ1 Mode Register
TRJ1MR
00h
008Bh
Timer RJ1 Event Pin Select Register
TRJ1ISR
00h
008Ch
Timer RJ1 Register
TRJ1
FFh
FFh
008Dh
008Eh
008Fh
0090h
Timer RJ2 Control Register
TRJ2CR
00h
0091h
Timer RJ2 I/O Control Register
TRJ2IOC
00h
0092h
Timer RJ2 Mode Register
TRJ2MR
00h
0093h
Timer RJ2 Event Pin Select Register
TRJ2ISR
00h
0094h
Timer RJ2 Register
TRJ2
FFh
FFh
0095h
0096h
0097h
0098h
Timer RB1 Control Register
TRB1CR
00h
0099h
Timer RB1 One-Shot Control Register
TRB1OCR
00h
009Ah
Timer RB1 I/O Control Register
TRB1IOC
00h
009Bh
Timer RB1 Mode Register
TRB1MR
00h
009Ch
Timer RB1 Prescaler Register
TRB1PRE
FFh
009Dh
Timer RB1 Secondary Register
TRB1SC
FFh
009Eh
Timer RB1 Primary Register
TRB1PR
FFh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
00h
00A1h
UART0 Bit Rate Register
U0BRG
XXh
00A2h
UART0 Transmit Buffer Register
U0TB
XXh
00A3h
XXh
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
00000010b
00A6h
UART0 Receive Buffer Register
U0RB
XXh
00A7h
XXh
00A8h
UART2 Transmit/Receive Mode Register
U2MR
00h
00A9h
UART2 Bit Rate Register
U2BRG
XXh
00AAh
UART2 Transmit Buffer Register
U2TB
XXh
00ABh
XXh
00ACh
UART2 Transmit/Receive Control Register 0
U2C0
00001000b
00ADh
UART2 Transmit/Receive Control Register 1
U2C1
00000010b
00AEh
UART2 Receive Buffer Register
U2RB
XXh
00AFh
XXh
00B0h
UART2 Digital Filter Function Select Register
URXDF
00h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
UART2 Special Mode Register 5
U2SMR5
00h
00BCh
UART2 Special Mode Register 4
U2SMR4
00h
00BDh
UART2 Special Mode Register 3
U2SMR3
000X0X0Xb
00BEh
UART2 Special Mode Register 2
U2SMR2
X0000000b
00BFh
UART2 Special Mode Register
U2SMR
X0000000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com