Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 73Page - Renesas Technology Corp R8C Datasheet HTML 74Page - Renesas Technology Corp R8C Datasheet HTML 75Page - Renesas Technology Corp R8C Datasheet HTML 76Page - Renesas Technology Corp R8C Datasheet HTML 77Page - Renesas Technology Corp R8C Datasheet HTML 78Page - Renesas Technology Corp R8C Datasheet HTML 79Page - Renesas Technology Corp R8C Datasheet HTML 80Page - Renesas Technology Corp R8C Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 77 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
5.2.2
Recommended Operating Conditions
Notes:
1.
The average output current indicates the average value of current measured during 100 ms.
2.
This applies when the drive capacity of the output transistor is set to High by registers P7DRR and P8DRR. When the drive capacity
is set to Low, the value of any other pin applies.
3.
fOCO20M can be used as the count source for timer RC in the range of VCC = 2.7 V to 5.5V.
Table 5.31
Recommended Operating Conditions
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless
otherwise specified.)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Supply voltage
1.8
–
5.5
V
VSS/AVSS
Supply voltage
–0
–
V
VIH
Input “H” voltage Other than CMOS input
4.0 V
≤ VCC ≤ 5.5 V
0.8 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V
0.8 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V
0.9 VCC
–VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V
0.55 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V
0.65 VCC
–VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.65 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V
0.7 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V
0.8 VCC
–VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.85 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V
0.85 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V
0.85 VCC
–VCC
V
VIL
Input “L” voltage
Other than CMOS input
4.0 V
≤ VCC ≤ 5.5 V
0
–
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
–
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
–
0.05 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
–
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
–
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
–
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
–
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
–
0.3 VCC
V
1.8 V
≤ VCC < 2.7 V
0
–
0.2 VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
–
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
–
0.45 VCC
V
1.8 V
≤ VCC < 2.7 V
0
–
0.35 VCC
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins IOH(peak)
––
−160
mA
IOH(sum)
Average sum
output “H” current
Sum of all pins IOH(avg)
––
−80
mA
IOH(peak)
Peak output “H”
current
Port P7_0, P7_1, P8 (2)
––
−40
mA
Other pins
–
–
−10
mA
IOH(avg)
Average output
“H” current (1)
Port P7_0, P7_1, P8 (2)
––
−20
mA
Other pins
–
–
−5mA
IOL(sum)
Peak sum output
“L” current
Sum of all pins IOL(peak)
–
–
160
mA
IOL(sum)
Average sum
output “L” current
Sum of all pins IOL(avg)
––
80
mA
IOL(peak)
Peak output “L”
current
Port P7_0, P7_1, P8 (2)
––
40
mA
Other pins
–
–
10
mA
IOL(avg)
Average output
“L” current (1)
Port P7_0, P7_1, P8 (2)
––
20
mA
Other pins
–
–
5
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
2
–
20
MHz
1.8 V
≤ VCC < 2.7 V
2
–
8
MHz
f(XCIN)
XCIN oscillation frequency
1.8 V
≤ VCC ≤ 5.5 V
–
32.768
–
kHz
XCIN external clock input frequency
1.8 V
≤ VCC ≤ 5.5 V
–
–
50
kHz
fOCO20M When used as the count source for timer RC (3)
2.7 V
≤ VCC ≤ 5.5 V
18.432
–
20
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ VCC ≤ 5.5 V
-
-
20
MHz
1.8 V
≤ VCC < 2.7 V
-
-
8
MHz
−
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
-
-
20
MHz
1.8 V
≤ VCC < 2.7 V
-
-
8
MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
0
-
20
MHz
1.8 V
≤ VCC < 2.7 V
0
-
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com