Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 72Page - Renesas Technology Corp R8C Datasheet HTML 73Page - Renesas Technology Corp R8C Datasheet HTML 74Page - Renesas Technology Corp R8C Datasheet HTML 75Page - Renesas Technology Corp R8C Datasheet HTML 76Page - Renesas Technology Corp R8C Datasheet HTML 77Page - Renesas Technology Corp R8C Datasheet HTML 78Page - Renesas Technology Corp R8C Datasheet HTML 79Page - Renesas Technology Corp R8C Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 76 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
5.2
Electrical Characteristics (R8C/LA6A Group and R8C/LA8A Group)
5.2.1
Absolute Maximum Ratings
Notes:
1.
For the register settings for each operation, refer to 7. I/O Ports and 9. Clock Generation Circuit in the User’s Manual:
Hardware.
2.
The VL1 voltage should be VCC or below.
Table 5.30
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC/AVCC
Supply voltage
−0.3 to 6.5
V
VI
Input voltage
XIN
XIN-XOUT oscillation on
(oscillation buffer ON) (1)
−0.3 to 1.9
V
XIN
XIN-XOUT oscillation on
(oscillation buffer OFF) (1)
−0.3 to VCC + 0.3
V
P5_4/VL1
−0.3 to VL2 (2)
V
P5_5/VL2
VL1 to VL3
V
P5_6/VL3
VL2 to 6.5
V
Other pins
−0.3 to VCC + 0.3
V
VO
Output voltage
XOUT
XIN-XOUT oscillation on
(oscillation buffer ON) (1)
−0.3 to 1.9
V
XOUT
XIN-XOUT oscillation on
(oscillation buffer OFF) (1)
−0.3 to VCC + 0.3
V
COM0 to COM3
−0.3 to VL3
V
SEG0 to SEG39
−0.3 to VL3
V
Other pins
−0.3 to VCC + 0.3
V
Pd
Power dissipation
−40°C ≤ Topr ≤ 85°C
500
mW
Topr
Operating ambient temperature
−20 to 85 (N version)/
−40 to 85 (D version)
°C
Tstg
Storage temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com