Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp R8C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 6 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
Table 1.7
Specifications (2)
Item
Function
Specification
Timer
Timer RB0, Timer RB1
8 bits × 2 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode
(PWM output), programmable one-shot generation mode, programmable wait
one-shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function),
PWM mode (output: 3 pins), PWM2 mode (PWM output: 1 pin)
Timer RH
Real-time clock mode (counting of seconds, minutes, hours, day of the week,
date, month, year), output compare mode
Timer RJ0
Timer RJ1
Timer RJ2
R8C/LA3A
Group
Timer RJ0,
Timer RJ1
16 bits × 2
Timer mode (period timer), pulse output mode
(output level inverted every period), event
counter mode, pulse width measurement mode,
pulse period measurement mode
R8C/LA5A
Group
R8C/LA6A
Group
R8C/LA8A
Group
Timer RJ0,
Timer RJ1,
Timer RJ2
16 bits × 3
Serial
Interface
UART0
1 channel
Clock synchronous serial I/O/UART
UART2
1 channel
Clock synchronous serial I/O/UART, I2C mode (I2C-bus), multiprocessor
communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C-bus)
I2C bus
1 (shared with SSU)
A/D Converter
R8C/LA3A
Group
10-bit resolution × 5 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA5A
Group
10-bit resolution × 7 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA6A
Group
10-bit resolution × 8 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA8A
Group
10-bit resolution × 12 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
Comparator B
R8C/LA3A
Group
1 circuit (comparator B1)
R8C/LA5A
Group
2 circuits (comparator B1, comparator B3)
R8C/LA6A
Group
R8C/LA8A
Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com