Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 55Page - Renesas Technology Corp R8C Datasheet HTML 56Page - Renesas Technology Corp R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp R8C Datasheet HTML 60Page - Renesas Technology Corp R8C Datasheet HTML 61Page - Renesas Technology Corp R8C Datasheet HTML 62Page - Renesas Technology Corp R8C Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 59 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Notes:
1.
Select the voltage detection level with bits VDSEL0 and VDSEL1 in the OFS register.
2.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2 register to 0.
3.
Time until the voltage monitor 0 reset is generated after the voltage passes Vdet0.
Notes:
1.
Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register.
2.
Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2 register to 0.
Table 5.9
Voltage Detection 0 Circuit Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (1)
1.8
1.90
2.05
V
Voltage detection level Vdet0_1 (1)
2.15
2.35
2.50
V
Voltage detection level Vdet0_2 (1)
2.70
2.85
3.05
V
Voltage detection level Vdet0_3 (1)
3.55
3.80
4.05
V
–
Voltage detection 0 circuit
response time (3)
In operation
At the falling of Vcc from 5 V
to (Vdet0_0
− 0.1) V
–
50
500
µs
In stop mode
At the falling of Vcc from 5 V
to (Vdet0_0
− 0.1) V
–
100
500
µs
–
Voltage detection circuit self power
consumption
VCA25 = 1, VCC = 5.0 V
–
1.5
–
µA
td(E-A)
Waiting time until voltage detection
circuit operation starts (2)
–
–
100
µs
Table 5.10
Voltage Detection 1 Circuit Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1_0 (1)
At the falling of VCC
2.00
2.20
2.40
V
Voltage detection level Vdet1_1 (1)
At the falling of VCC
2.15
2.35
2.55
V
Voltage detection level Vdet1_2 (1)
At the falling of VCC
2.30
2.50
2.70
V
Voltage detection level Vdet1_3 (1)
At the falling of VCC
2.45
2.65
2.85
V
Voltage detection level Vdet1_4 (1)
At the falling of VCC
2.60
2.80
3.00
V
Voltage detection level Vdet1_5 (1)
At the falling of VCC
2.75
2.95
3.15
V
Voltage detection level Vdet1_6 (1)
At the falling of VCC
2.85
3.10
3.40
V
Voltage detection level Vdet1_7 (1)
At the falling of VCC
3.00
3.25
3.55
V
Voltage detection level Vdet1_8 (1)
At the falling of VCC
3.15
3.40
3.70
V
Voltage detection level Vdet1_9 (1)
At the falling of VCC
3.30
3.55
3.85
V
Voltage detection level Vdet1_A (1)
At the falling of VCC
3.45
3.70
4.00
V
Voltage detection level Vdet1_B (1)
At the falling of VCC
3.60
3.85
4.15
V
Voltage detection level Vdet1_C (1)
At the falling of VCC
3.75
4.00
4.30
V
Voltage detection level Vdet1_D (1)
At the falling of VCC
3.90
4.15
4.45
V
Voltage detection level Vdet1_E (1)
At the falling of VCC
4.05
4.30
4.60
V
Voltage detection level Vdet1_F (1)
At the falling of VCC
4.20
4.45
4.75
V
–
Hysteresis width at the rising of Vcc in
voltage detection 1 circuit
Vdet1_0 to Vdet1_5 selected
–
0.07
–
V
Vdet1_6 to Vdet1_F selected
–
0.10
–
V
–
Voltage detection 1 circuit response
time (2)
In operation
At the falling of Vcc from
5 V to (Vdet1_0
− 0.1) V
–
60
150
µs
In stop mode
At the falling of Vcc from
5 V to (Vdet1_0
− 0.1) V
–
250
500
µs
–
Voltage detection circuit self power
consumption
VCA26 = 1, VCC = 5.0 V
–
1.7
–
µA
td(E-A)
Waiting time until voltage detection
circuit operation starts (3)
–
–
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com