Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 64Page - Renesas Technology Corp R8C Datasheet HTML 65Page - Renesas Technology Corp R8C Datasheet HTML 66Page - Renesas Technology Corp R8C Datasheet HTML 67Page - Renesas Technology Corp R8C Datasheet HTML 68Page - Renesas Technology Corp R8C Datasheet HTML 69Page - Renesas Technology Corp R8C Datasheet HTML 70Page - Renesas Technology Corp R8C Datasheet HTML 71Page - Renesas Technology Corp R8C Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 68 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Notes:
1.
Vcc = 1.8 V to 2.7 V, single chip mode, output pins are open, and other pins are Vss.
2.
XIN is set to square wave input.
3.
Vcc = 2.2 V
4.
VLCD = Vcc, external division resistors are used for VL3 to VL1, 1/3 bias, 1/4 duty, f(FR) = 64 Hz, SEG0 to SEG26 are selected, and segment
and common output pins are open.The standard value does not include the current that flows through external division resistors.
Table 5.23
DC Characteristics (6) [1.8 V
≤ Vcc < 2.7 V]
(Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless otherwise specified.)
Symbol Parameter
Condition
Standard
Unit
Oscillation
Circuit
On-Chip
Oscillator
CPU Clock
Low-Power-
Consumption
Setting
Other
Min.
Typ.
(3)
Max
.
XIN (2)
XCIN
High-
Speed
Low-
Speed
ICC
Power
supply
current (1)
High-
speed
clock
mode
8 MHz
Off
Off
125 kHz No division
–
–
2.1
–
mA
8 MHz
Off
Off
125 kHz Divide-by-8
–
–
0.9
–
mA
High-
speed
on-chip
oscillator
mode
Off
Off
5 MHz 125 kHz No division
–
–
1.8
5
mA
Off
Off
5 MHz 125 kHz Divide-by-8
–
–
1.1
–
mA
Off
Off
4 MHz 125 kHz Divide-by-16 MSTCR0 = BEh
MSTCR1 = 3Fh
–0.9
–
mA
Low-
speed
on-chip
oscillator
mode
Off
Off
Off
125 kHz No division FMR27 = 1
VCA20 = 0
–
106 300
µA
Off
Off
Off
125 kHz Divide-by-8 FMR27 = 1
VCA20 = 0
–54
200
µA
Low-
speed
clock
mode
Off
32 kHz
Off
Off
No division
FMR27 = 1
VCA20 = 0
–54
200
µA
Off
32 kHz
Off
Off
No division
FMSTP = 1
VCA20 = 0
Flash memory off
Program operation on RAM
–36–
µA
Wait
mode
Off
Off
Off
125 kHz
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
While a WAIT instruction is
executed
Peripheral clock operation
–9.0
50
µA
Off
Off
Off
125 kHz
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is
executed
Peripheral clock off
–2.5
31
µA
Off
32 kHz
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 0
While a WAIT
instruction is
executed
Peripheral
clock off
Timer RH
operation in
real-time clock
mode
LCD drive
control circuit
(4)
When external
division
resistors are
used
–2.4
–
µA
Off
32 kHz
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is
executed
Peripheral clock off
Timer RH operation in real-
time clock mode
–1.7
–
µA
Stop
mode
Off
Off
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 25
°C
Peripheral clock off
–0.5
2.2
µA
Off
Off
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 85
°C
Peripheral clock off
–1.2
–
µA
Power-
off mode
Off
Off
Off
Off
–
–
Power-off 0
Topr = 25
°C
–
0.01 0.1
µA
Off
Off
Off
Off
–
–
Power-off 0
Topr = 85
°C
–0.02
–
µA
Off
32 kHz
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Power-off 2
Topr = 25
°C
–1.2
4
µA
Off
32 kHz
Off
Off
–
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Power-off 2
Topr = 85
°C
–2
–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com