Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 79Page - Renesas Technology Corp R8C Datasheet HTML 80Page - Renesas Technology Corp R8C Datasheet HTML 81Page - Renesas Technology Corp R8C Datasheet HTML 82Page - Renesas Technology Corp R8C Datasheet HTML 83Page - Renesas Technology Corp R8C Datasheet HTML 84Page - Renesas Technology Corp R8C Datasheet HTML 85Page - Renesas Technology Corp R8C Datasheet HTML 86Page - Renesas Technology Corp R8C Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 83 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Notes:
1.
The voltage detection level varies with detection targets. Select the level with the VCA24 bit in the VCA2 register.
2.
Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2.
3.
Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
Note:
1.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0.
Figure 5.14
Power-on Reset Circuit Characteristics
Table 5.40
Voltage Detection 2 Circuit Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level Vdet2_0 (1)
At the falling of VCC
3.70
4.0
4.30
V
–
Hysteresis width at the rising of Vcc in
voltage detection 2 circuit
–0.10–
V
–
Voltage detection 2 circuit response time (2) In operation
At the falling of Vcc from
5 V to (Vdet2_0
− 0.1) V
–
20
150
µs
In stop mode
At the falling of Vcc from
5 V to (Vdet2_0
− 0.1) V
–
200
500
µs
–
Voltage detection circuit self power
consumption
VCA27 = 1, VCC = 5.0 V
–
1.7
–
µA
td(E-A)
Waiting time until voltage detection circuit
operation starts (3)
–
–
100
µs
Table 5.41
Power-on Reset Circuit Characteristics (1)
(Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
trth
External power VCC rise gradient
0
–
50000
mV/msec
Notes:
1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to 6. Voltage Detection
Circuit in the User’s Manual: Hardware for details.
2. tw(por) indicates the duration the external power VCC must be held below the valid voltage (0.5 V) to enable
a power-on reset. When turning on the power after it falls with voltage monitor 0 reset disabled, maintain
tw(por) for 1 ms or more.
Vdet0 (1)
0.5 V
Internal
reset signal
tw(por) (2)
Voltage detection 0
circuit response time
Vdet0 (1)
1
fOCO-S
× 32
1
fOCO-S
× 32
External
Power VCC
trth
trth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com