Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 22Page - Renesas Technology Corp R8C Datasheet HTML 23Page - Renesas Technology Corp R8C Datasheet HTML 24Page - Renesas Technology Corp R8C Datasheet HTML 25Page - Renesas Technology Corp R8C Datasheet HTML 26Page - Renesas Technology Corp R8C Datasheet HTML 27Page - Renesas Technology Corp R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 26 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
I: Input
O: Output
I/O: Input and output
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.19
Pin Functions for R8C/LA5A Group (2)
Item
Pin Name
I/O Type
Description
I2C bus
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
SSU
SSI
I/O
Data I/O pin
SCS
I/O
Chip-select signal I/O pin
SSCK
I/O
Clock I/O pin
SSO
I/O
Data I/O pin
Reference voltage
input
VREF
I
Reference voltage input pin for the A/D converter
A/D converter
AN0 to AN6
I
A/D converter analog input pins
ADTRG
I
AD external trigger input pin
Comparator B
IVCMP1, IVCMP3
I
Comparator B analog voltage input pins
IVREF1, IVREF3
I
Comparator B reference voltage input pins
I/O ports
P0_0 to P0_7,
P2_0 to P2_7,
P3_0 to P3_7,
P5_0 to P5_6,
P7_0 to P7_2,
P8_0 to P8_7,
P9_0, P9_1
I/O
CMOS I/O ports. Each port has an I/O select direction register,
allowing each pin in the port to be directed for input or output
individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
Port P8 can be used as LED drive ports.
Segment output
SEG0 to SEG26
O
LCD segment output pins
Common output
COM0 to COM3,
COMEXP
O
LCD common output pins
LCD power supply
VL1
I
Apply the following voltage: 1 V
≤ VL1 ≤ VCC and VL1 ≤ VL2.
VL2
I
Apply the following voltage: VL2
≤ 5.5 V and VL1 ≤ VL2 ≤ VL3.
VL3
I
Apply the following voltage: VL3
≤ 5.5 V and VL2 ≤ VL3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com